전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM2311-MINI-EVALZ 데이터시트(PDF) 1 Page - Analog Devices

부품명 SSM2311-MINI-EVALZ
상세설명  Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

SSM2311-MINI-EVALZ 데이터시트(HTML) 1 Page - Analog Devices

  SSM2311-MINI-EVALZ Datasheet HTML 1Page - Analog Devices SSM2311-MINI-EVALZ Datasheet HTML 2Page - Analog Devices SSM2311-MINI-EVALZ Datasheet HTML 3Page - Analog Devices SSM2311-MINI-EVALZ Datasheet HTML 4Page - Analog Devices SSM2311-MINI-EVALZ Datasheet HTML 5Page - Analog Devices SSM2311-MINI-EVALZ Datasheet HTML 6Page - Analog Devices SSM2311-MINI-EVALZ Datasheet HTML 7Page - Analog Devices SSM2311-MINI-EVALZ Datasheet HTML 8Page - Analog Devices SSM2311-MINI-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Filterless High Efficiency
Mono 3 W Class-D Audio Amplifier
SSM2311
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Filterless Class-D amplifier with Σ-Δ modulation
No sync necessary when using multiple Analog Devices, Inc.,
Class-D amplifiers
3 W into 3 Ω load and 1.4 W into 8 Ω load at 5.0 V supply with
less than 10% total harmonic distortion (THD)
90% efficiency at 5.0 V, 1.4 W into 8 Ω speaker
Better than 98 dB signal-to-noise ratio (SNR)
Single-supply operation from 2.5 V to 5.5 V
20 nA ultralow shutdown current
Short-circuit and thermal protection
Available in 9-ball, 1.5 mm × 1.5 mm WLCSP
Pop-and-click suppression
Built-in resistors reduce board component count
Default fixed 18 dB or user-adjustable gain setting
APPLICATIONS
Mobile phones
MP3 players
Portable gaming
Portable electronics
Educational toys
GENERAL DESCRIPTION
The SSM2311 is a fully integrated, high efficiency, Class-D audio
amplifier. It is designed to maximize performance for mobile
phone applications. The application circuit requires a minimum
of external components and operates from a single 2.5 V to 5.5 V
supply. It is capable of delivering 3 W of continuous output power
with less than 1% THD + N driving a 3 Ω load from a 5.0 V supply.
The SSM2311 features a high efficiency, low noise modulation
scheme that does not require any external LC output filters. The
modulation continues to provide high efficiency even at low output
power. It operates with 90% efficiency at 1.4 W into 8 Ω or 85%
efficiency at 3 W into 3 Ω from a 5.0 V supply and has an SNR that
is better than 98 dB. Spread-spectrum pulse density modulation
is used to provide lower EMI-radiated emissions compared with
other Class-D architectures.
The SSM2311 has a micropower shutdown mode with a typical
shutdown current of 20 nA. Shutdown is enabled by applying a
logic low to the SD pin.
The device also includes pop-and-click suppression circuitry. This
minimizes voltage glitches at the output during turn-on and turn-
off, thus reducing audible noise on activation and deactivation.
The fully differential input of the SSM2311 provides excellent
rejection of common-mode noise on the input. Input coupling
capacitors can be omitted if the dc input common-mode voltage
is approximately VDD/2.
The default gain of SSM2311 is 18 dB, but users can reduce the gain
by using a pair of external resistors (see the Gain section).
The SSM2311 is specified over the industrial temperature range
(−40°C to +85°C). It has built-in thermal shutdown and output
short-circuit protection. It is available in a 9-ball, 1.5 mm × 1.5 mm
wafer level chip scale package (WLCSP).
FUNCTIONAL BLOCK DIAGRAM
SHUTDOWN
FET
DRIVER
MODULATOR
0.1µF
VDD
GND
OSCILLATOR
POP-AND-CLICK
SUPPRESSION
OUT+
OUT–
BIAS
IN+
VBATT
2.5V TO 5.0V
IN–
10µF
22nF1
300kΩ
300kΩ
37.5kΩ
37.5kΩ
1 INPUT CAPS ARE OPTIONAL IF INPUT DC COMMON-MODE
VOLTAGE IS APPROXIMATELY VDD/2.
22nF1
SD
AUDIO IN–
AUDIO IN+
SSM2311
REXT
REXT
GAIN =
300kΩ
(37.5kΩ + REXT)
Figure 1.


유사한 부품 번호 - SSM2311-MINI-EVALZ

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSM2310 SECOS-SSM2310 Datasheet
896Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
logo
Silicon Standard Corp.
SSM2310GN SSC-SSM2310GN Datasheet
505Kb / 5P
   N-channel Enhancement-mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSM2310GN VBSEMI-SSM2310GN Datasheet
517Kb / 9P
   N-Channel 60-V (D-S) MOSFET
logo
Silicon Standard Corp.
SSM2312GN SSC-SSM2312GN Datasheet
316Kb / 5P
   N-channel Enhancement-mode Power MOSFET
SSM2313GN SSC-SSM2313GN Datasheet
319Kb / 5P
   P-channel Enhancement-mode Power MOSFET
More results

유사한 설명 - SSM2311-MINI-EVALZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM2335 AD-SSM2335 Datasheet
583Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2319 AD-SSM2319 Datasheet
497Kb / 20P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2317 AD-SSM2317 Datasheet
764Kb / 20P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. A
SSM2375 AD-SSM2375 Datasheet
1Mb / 13P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
Rev. PrC
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2305 AD-SSM2305 Datasheet
455Kb / 16P
   Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
REV. 0
logo
Texas Instruments
SSM2301 TI-SSM2301 Datasheet
366Kb / 19P
[Old version datasheet]   Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
logo
Analog Devices
SSM2305 AD-SSM2305_16 Datasheet
902Kb / 16P
   Filterless, High Efficiency, Mono 2.8 W, Class-D Audio Amplifier
SSM2301 AD-SSM2301_15 Datasheet
431Kb / 16P
   Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com