전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM2311-MINI-EVALZ 데이터시트(PDF) 10 Page - Analog Devices

부품명 SSM2311-MINI-EVALZ
상세설명  Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

SSM2311-MINI-EVALZ 데이터시트(HTML) 10 Page - Analog Devices

Back Button SSM2311-MINI-EVALZ Datasheet HTML 6Page - Analog Devices SSM2311-MINI-EVALZ Datasheet HTML 7Page - Analog Devices SSM2311-MINI-EVALZ Datasheet HTML 8Page - Analog Devices SSM2311-MINI-EVALZ Datasheet HTML 9Page - Analog Devices SSM2311-MINI-EVALZ Datasheet HTML 10Page - Analog Devices SSM2311-MINI-EVALZ Datasheet HTML 11Page - Analog Devices SSM2311-MINI-EVALZ Datasheet HTML 12Page - Analog Devices SSM2311-MINI-EVALZ Datasheet HTML 13Page - Analog Devices SSM2311-MINI-EVALZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SSM2311
Rev. 0 | Page 10 of 20
OUTPUT POWER (W)
100
0
02.4
0.30
0.25
0.20
0.15
0.10
0.05
0
0
OUTPUT POWER (W)
90
80
70
60
50
40
30
20
10
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2
VDD = 2.5V
VDD = 3.6V
VDD = 5V
RL = 4Ω, 33µH
RL = 4Ω, 33µH
Figure 27. Efficiency vs. Output Power into 4 Ω
100
0
OUTPUT POWER (W)
90
80
70
60
50
40
30
20
10
RL = 3Ω, 33µH
VDD = 2.5V
VDD = 3.6V
VDD = 5V
Figure 28. Efficiency vs. Output Power into 3 Ω
0.14
0.12
0.10
0.08
0.06
0.04
OUTPUT POWER (W)
RL = 8Ω, 33µH
VDD = 5V
Figure 29. Power Dissipation vs. Output Power into 8 Ω at VDD = 5.0 V
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
VDD = 5V
Figure 30. Power Dissipation vs. Output Power into 4 Ω at VDD = 5.0 V
0.6
0.5
0.4
0.3
0.2
0.1
0
0
OUTPUT POWER (W)
3.2
0.20.40.60.81.01.21.41.61.8 2.02.22.42.62.83.0
RL = 3Ω, 33µH
VDD = 5V
Figure 31. Power Dissipation vs. Output Power into 3 Ω at VDD = 5.0 V
0.10
0
0
OUTPUT POWER (W)
0.9
0.08
0.06
0.04
0.02
0.10.20.30.40.50.60.70.8
RL = 8Ω, 33µH
VDD = 3.6V
Figure 32. Power Dissipation vs. Output Power into 8 Ω at VDD = 3.6 V


유사한 부품 번호 - SSM2311-MINI-EVALZ

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSM2310 SECOS-SSM2310 Datasheet
896Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
logo
Silicon Standard Corp.
SSM2310GN SSC-SSM2310GN Datasheet
505Kb / 5P
   N-channel Enhancement-mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSM2310GN VBSEMI-SSM2310GN Datasheet
517Kb / 9P
   N-Channel 60-V (D-S) MOSFET
logo
Silicon Standard Corp.
SSM2312GN SSC-SSM2312GN Datasheet
316Kb / 5P
   N-channel Enhancement-mode Power MOSFET
SSM2313GN SSC-SSM2313GN Datasheet
319Kb / 5P
   P-channel Enhancement-mode Power MOSFET
More results

유사한 설명 - SSM2311-MINI-EVALZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM2335 AD-SSM2335 Datasheet
583Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2319 AD-SSM2319 Datasheet
497Kb / 20P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2317 AD-SSM2317 Datasheet
764Kb / 20P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. A
SSM2375 AD-SSM2375 Datasheet
1Mb / 13P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
Rev. PrC
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2305 AD-SSM2305 Datasheet
455Kb / 16P
   Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
REV. 0
logo
Texas Instruments
SSM2301 TI-SSM2301 Datasheet
366Kb / 19P
[Old version datasheet]   Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
logo
Analog Devices
SSM2305 AD-SSM2305_16 Datasheet
902Kb / 16P
   Filterless, High Efficiency, Mono 2.8 W, Class-D Audio Amplifier
SSM2301 AD-SSM2301_15 Datasheet
431Kb / 16P
   Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com