전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL29010 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL29010
상세설명  Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29010 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL29010 Datasheet HTML 1Page - Intersil Corporation ISL29010 Datasheet HTML 2Page - Intersil Corporation ISL29010 Datasheet HTML 3Page - Intersil Corporation ISL29010 Datasheet HTML 4Page - Intersil Corporation ISL29010 Datasheet HTML 5Page - Intersil Corporation ISL29010 Datasheet HTML 6Page - Intersil Corporation ISL29010 Datasheet HTML 7Page - Intersil Corporation ISL29010 Datasheet HTML 8Page - Intersil Corporation ISL29010 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN6414.0
February 13, 2008
Principles of Operation
Photodiodes
The ISL29010 contains two photodiode arrays which convert
light into current. Some diodes are sensitive to both visible
and infrared light, while the others are only sensitive to
infrared light. Using the infrared portion of the light as
baseline, the visible light can be extracted. The spectral
response vs wavelength is shown in Figure 7 in the “Typical
Performance Curves” on page 10. After light is converted to
current during the light data process, the current output is
converted to digital by a single built-in integrating type signed
15-bit Analog-to-Digital Converter (ADC). An I2C command
reads the visible light intensity in counts.
The converter is a charge-balancing integrating type signed
15-bit ADC. The chosen method for conversion is best for
converting small current signals in the presence of an AC
periodic noise. A 100ms integration time, for instance, highly
rejects 50Hz and 60Hz power line noise simultaneously. See
“Integration Time or Conversion Time” on page 7 and “Noise
Rejection” on page 8.
The built-in ADC offers user flexibility in integration time or
conversion time. There are two timing modes: Internal Timing
Mode and External Timing Mode. In Internal Timing Mode,
integration time is determined by an internal dual speed
oscillator (fOSC), and the n-bit (n = 4, 8, 12, 16) counter inside
the ADC. In External Timing Mode, integration time is
determined by the time between two consecutive I2C External
Timing Mode commands. See External Timing Mode example.
A good balancing act of integration time and resolution
(depending on the application) is required for optimal results.
The ADC has four I2C programmable range select to
dynamically accommodate various lighting conditions. For
very dim conditions, the ADC can be configured at its lowest
range. For very bright conditions, the ADC can be configured
at its highest range.
I2C Interface
There are eight (8) 8-bit registers available inside the ISL29010.
The command and control registers define the operation of the
device. The command and control registers do not change until
the registers are overwritten. There are two 8-bit registers that
set the high and low interrupt thresholds. There are four 8-bit
data Read Only registers, two bytes for the sensor reading and
another two bytes for the timer counts. The data registers
contain the ADC's latest digital output, and the number of clock
cycles in the previous integration period.
The ISL29010 has a 7-bit I2C interface slave address. The
six most significant bits are hardwired internally as 100010
while the least significant bit A0 can be either connected to
Ground or VDD to allow two possible addresses 1000100 or
1000101. When 1000100x or 1000101x with x as R or W is
sent after the Start condition, this device compares the first
seven bits of this byte to its address and matches.
Figure 1 shows a sample one-byte read. Figure 2 shows a
sample one-byte write. Figure 3 shows a sync_I2C timing
diagram sample for externally controlled integration time.
The I2C bus master always drives the SCL (clock) line, while
either the master or the slave can drive the SDA (data) line.
Figure 2 shows a sample write. Every I2C transaction begins
with the master asserting a start condition (SDA falling while
SCL remains high). The following byte is driven by the
master, and includes the slave address and read/write bit.
The receiving device is responsible for pulling SDA low
during the acknowledgement period.
Every I2C transaction ends with the master asserting a stop
condition (SDA rising while SCL remains high).
For more information about the I2C standard, please consult
the Philips® I2C specification documents.
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
VDD
Positive supply; connect this pin to a regulated 2.5V to 3.3V supply
2
GND
Ground pin. The thermal pad is connected to the GND pin
3
REXT
External resistor pin for ADC reference; connect this pin to ground through a (nominal) 100k
Ω resistor with
1% tolerance
4
A0
Bit 0 of I2C address
5SCL
I2C serial clock
The I2C bus lines can pulled above VDD, 5.5V max.
6SDA
I2C serial data
ISL29010


유사한 부품 번호 - ISL29010

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
ISL29010IROZ-EVALZ RENESAS-ISL29010IROZ-EVALZ Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
ISL29010IROZ-T7 RENESAS-ISL29010IROZ-T7 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
More results

유사한 설명 - ISL29010

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
   Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Intersil Corporation
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com