전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MLX90807 데이터시트(PDF) 1 Page - Melexis Microelectronic Systems

부품명 MLX90807
상세설명  Relative Integrated Pressure Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MELEXIS [Melexis Microelectronic Systems]
홈페이지  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90807 데이터시트(HTML) 1 Page - Melexis Microelectronic Systems

  MLX90807 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90807 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90807 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90807 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90807 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90807 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90807 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90807 Datasheet HTML 8Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MLX90807
Relative Integrated Pressure Sensor
3901090807
Page 1 of 8
Data Sheet
Rev 003
Feb 08
Features and Benefits
Relative Integrated Pressure sensor
Less than 1% error range overall
Programmable through the connector (3 pins)
Trimmable offset and sensitivity
Ratiometric output
Rail-to-Rail output
Output proportional to the applied pressure
Diagnostics of broken supply wires and broken sensor
Output protected against short-circuits at both battery terminals
On-chip Signal Conditioning (single die solution)
Different pressure ranges available
Application Examples
Automotive applications (vapour pressure, filter quality monitoring, …)
Industrial applications
Medical applications (respirator, …)
Ordering Information
Part No.
Temperature Suffix
Package Code
Option
Description
MLX90807
L (-40°C to 150°C)
UF (die on foil)
- 0
100 mBar Full Scale
1 Functional Diagram
2 General Description
The MLX90807 is an integrated relative
pressure sensor realised in CMOS
technology. It consists of an analog signal
chain that interacts with the digital core and
on-chip temperature sensor in order to
provide uniform overall sensing
characteristics after calibration and to cancel
the temperature related parameter drifts.
The output is proportional to the applied
pressure with an adjustable slope and offset.
The chip is ratiometric and goes rail-to-rail
with a 1mA source and sink capability.


유사한 부품 번호 - MLX90807

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX90807 MELEXIS-MLX90807 Datasheet
210Kb / 7P
   Integrated Relative and Absolute Pressure Sensors
MLX90807LUFAAA-000WB MELEXIS-MLX90807LUFAAA-000WB Datasheet
210Kb / 7P
   Integrated Relative and Absolute Pressure Sensors
MLX90807LUFCAA-001WB MELEXIS-MLX90807LUFCAA-001WB Datasheet
210Kb / 7P
   Integrated Relative and Absolute Pressure Sensors
MLX90807LUFCBA-002WB MELEXIS-MLX90807LUFCBA-002WB Datasheet
210Kb / 7P
   Integrated Relative and Absolute Pressure Sensors
MLX90807LUFCCA-003WB MELEXIS-MLX90807LUFCCA-003WB Datasheet
210Kb / 7P
   Integrated Relative and Absolute Pressure Sensors
More results

유사한 설명 - MLX90807

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX90257 MELEXIS-MLX90257 Datasheet
186Kb / 9P
   Relative Integrated Pressure Sensor
MLX90819 MELEXIS-MLX90819 Datasheet
731Kb / 11P
   Relative Integrated Pressure Sensor Datasheet
MLX90809 MELEXIS-MLX90809_17 Datasheet
941Kb / 14P
   Relative Pressure Sensor
MLX90809 MELEXIS-MLX90809 Datasheet
538Kb / 11P
   Relative Pressure Sensor
MLX90821 MELEXIS-MLX90821 Datasheet
1Mb / 40P
   Relative Pressure Sensor IC
logo
Siemens Semiconductor G...
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY51-RK SIEMENS-KPY51-RK Datasheet
144Kb / 4P
   Silicon Piezoresistive Relative Pressure Sensor
KPY33-RK SIEMENS-KPY33-RK Datasheet
149Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY41-R SIEMENS-KPY41-R Datasheet
70Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY32-R SIEMENS-KPY32-R Datasheet
92Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com