전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPD3000SOT89 데이터시트(PDF) 6 Page - Filtronic Compound Semiconductors

부품명 FPD3000SOT89
상세설명  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FILTRONIC [Filtronic Compound Semiconductors]
홈페이지  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD3000SOT89 데이터시트(HTML) 6 Page - Filtronic Compound Semiconductors

  FPD3000SOT89 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD3000SOT89 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD3000SOT89 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD3000SOT89 Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD3000SOT89 Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD3000SOT89 Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD3000SOT89 Datasheet HTML 7Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
6
FPD3000SOT89
Datasheet v3.0
PACKAGE OUTLINE:
(dimensions in millimeters – mm)
TAPE DIMENSIONS AND PART ORIENTATION
● Also available with horizontal
part orientation
● Hub diameter = 80mm
● Devices per reel = 1000


유사한 부품 번호 - FPD3000SOT89

제조업체부품명데이터시트상세설명
logo
Filtronic Compound Semi...
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
393Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
More results

유사한 설명 - FPD3000SOT89

제조업체부품명데이터시트상세설명
logo
Filtronic Compound Semi...
FPD1500SOT89 FILTRONIC-FPD1500SOT89_1 Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750DFN FILTRONIC-FPD750DFN_1 Datasheet
419Kb / 9P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750SOT89 FILTRONIC-FPD750SOT89 Datasheet
386Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
393Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN FILTRONIC-FPD1500DFN_1 Datasheet
462Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
LP1500SOT223 FILTRONIC-LP1500SOT223 Datasheet
69Kb / 2P
   Low Noise, High Linearity Packaged PHEMT
LP3000SOT89 FILTRONIC-LP3000SOT89 Datasheet
44Kb / 3P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD750SOT343 FILTRONIC-FPD750SOT343 Datasheet
105Kb / 4P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1050SOT89 FILTRONIC-FPD1050SOT89 Datasheet
237Kb / 8P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com