전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPD2250SOT89 데이터시트(PDF) 1 Page - Filtronic Compound Semiconductors

부품명 FPD2250SOT89
상세설명  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FILTRONIC [Filtronic Compound Semiconductors]
홈페이지  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD2250SOT89 데이터시트(HTML) 1 Page - Filtronic Compound Semiconductors

  FPD2250SOT89 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD2250SOT89 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD2250SOT89 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD2250SOT89 Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD2250SOT89 Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD2250SOT89 Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
1
Datasheet v3.0
FPD2250SOT89
FEATURES (1850MHZ):
29 dBm Output Power (P1dB)
14 dB Small-Signal Gain (SSG)
1.0 dB Noise Figure
44 dBm Output IP3
50% Power-Added Efficiency
FPD2250SOT89E - RoHS compliant
GENERAL DESCRIPTION:
The FPD2250SOT89 is a packaged depletion
mode AlGaAs/InGaAs pseudomorphic High
Electron Mobility Transistor (pHEMT). It
utilizes a 0.25 µm x 2250 µm Schottky barrier
gate, defined by high-resolution stepper-based
photolithography. The double recessed gate
structure minimizes parasitics to optimize
performance, with an epitaxial structure
designed for improved linearity over a range of
bias conditions and i/p power levels.
PACKAGE:
TYPICAL APPLICATIONS:
Drivers or output stages in PCS/Cellular
base station transmitter amplifiers
High intercept-point LNAs
WLL and WLAN systems, and other types
of wireless infrastructure systems.
ELECTRICAL SPECIFICATIONS:
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power at 1dB Gain Compression
P1dB
VDS = 5 V; IDS = 50% IDSS
28
29
dBm
Small-Signal Gain
SSG
VDS = 5 V; IDS = 50% IDSS
12
14
dB
Power-Added Efficiency
PAE
VDS = 5 V; IDS = 50% IDSS;
POUT = P1dB
50
%
Noise Figure
NF
VDS = 5 V; IDS = 50% IDSS
VDS = 5 V; IDS = 25% IDSS
1.2
1.0
1.4
dB
Output Third-Order Intercept Point
(from 15 to 5 dB below P1dB)
IP3
VDS = 5V; IDS = 50% IDSS
Matched for optimal power
Matched for best IP3
43
44
dBm
Saturated Drain-Source Current
IDSS
VDS = 2 V; VGS = 0 V
560
700
825
mA
Maximum Drain-Source Current
IMAX
VDS = 2 V; VGS
≅ +1 V
1.1
mA
Transconductance
GM
VDS = 2 V; VGS = 0 V
600
mS
Gate-Source Leakage Current
IGSO
VGS = -5 V
1
10
µA
Pinch-Off Voltage
|VP|
VDS = 2 V; IDS = 2.25 mA
0.7
1.0
1.3
V
Gate-Source Breakdown Voltage
|VBDGS|
IGS = 2.25 mA
12
18
V
Gate-Drain Breakdown Voltage
|VBDGD|
IGD = 2.25 mA
12
16
V
Thermal Resistance
RθJC
50
°C/W
Note: TAMBIENT = 22°; RF specification measured at f = 1850 MHz using CW signal (except as noted)


유사한 부품 번호 - FPD2250SOT89

제조업체부품명데이터시트상세설명
logo
Filtronic Compound Semi...
FPD2250SOT89 FILTRONIC-FPD2250SOT89 Datasheet
383Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
More results

유사한 설명 - FPD2250SOT89

제조업체부품명데이터시트상세설명
logo
Filtronic Compound Semi...
FPD1500SOT89 FILTRONIC-FPD1500SOT89_1 Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750DFN FILTRONIC-FPD750DFN_1 Datasheet
419Kb / 9P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750SOT89 FILTRONIC-FPD750SOT89 Datasheet
386Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
393Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89_1 Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN FILTRONIC-FPD1500DFN_1 Datasheet
462Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
LP1500SOT223 FILTRONIC-LP1500SOT223 Datasheet
69Kb / 2P
   Low Noise, High Linearity Packaged PHEMT
LP3000SOT89 FILTRONIC-LP3000SOT89 Datasheet
44Kb / 3P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD750SOT343 FILTRONIC-FPD750SOT343 Datasheet
105Kb / 4P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1050SOT89 FILTRONIC-FPD1050SOT89 Datasheet
237Kb / 8P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com