전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BY399Z 데이터시트(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

부품명 BY399Z
상세설명  FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BY399Z 데이터시트(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BY399Z Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BY399Z Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
2
4
10
8
20
40
60 80 10 0
0
20
40
60
80
TJ
=125
8.3ms Single Half
Sine-Wave
100
120
140
160
.2
TJ=25
f=1MHz
1
.1
2
4
.4
1.0
2
40
10
20
60
100
4
10
20
40
100
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.02
0.06
0.04
0.1
0.2
0.4
1.0
2
4
10
100
1.8
2.0
TJ=25
Pulse Width=300
µS
0.5
1
1.5
2
2.5
50
125
175
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
200
75
150
100
3
25
0
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0261023
2.
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(-)
(+ )
-1.0A
-0.25A
0
+0.5A
trr
1cm
BY396(Z)---BY399S(Z)
SET TIMEBASEFOR50/100 ns /cm
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
RATINGS AND CHARACTERISTIC CURVES
AMBIENT TEMPERATURE,
NOTES:1.RISETIME=7ns MAX. INPUT IMPEDANCE=1M .22pF
FIG.1 -- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
FIG.4--TYPICAL JUNCTION CAPACITANCE
FIG.5--PEAK FORWARD SURGE CURRENT
2.RISETIME=10ns MAX. SOURCEIMPEDANCE=5O
FIG.3 -- FORWARD DERATING CURVE
FIG.2 --TYPICAL FORWARD CHARACTERISTIC
REVERSE VOLTAGE,VOLTS
NUMBER OF CYCLES AT 60 Hz


유사한 부품 번호 - BY399Z

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BY399 PANJIT-BY399 Datasheet
60Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 3.0 Amperes)
logo
Shanghai Shunye Electro...
BY399 SHUNYE-BY399 Datasheet
234Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Diotec Semiconductor
BY399 DIOTEC-BY399 Datasheet
58Kb / 2P
   Fast Si-Rectifiers - Schnelle Si-Gleichrichter
logo
EIC discrete Semiconduc...
BY399 EIC-BY399 Datasheet
56Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Transys Electronics
BY399 TRSYS-BY399 Datasheet
139Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
More results

유사한 설명 - BY399Z

제조업체부품명데이터시트상세설명
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com