전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KD1084AD2T36 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 KD1084AD2T36
상세설명  5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KD1084AD2T36 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button KD1084AD2T36 Datasheet HTML 7Page - STMicroelectronics KD1084AD2T36 Datasheet HTML 8Page - STMicroelectronics KD1084AD2T36 Datasheet HTML 9Page - STMicroelectronics KD1084AD2T36 Datasheet HTML 10Page - STMicroelectronics KD1084AD2T36 Datasheet HTML 11Page - STMicroelectronics KD1084AD2T36 Datasheet HTML 12Page - STMicroelectronics KD1084AD2T36 Datasheet HTML 13Page - STMicroelectronics KD1084AD2T36 Datasheet HTML 14Page - STMicroelectronics KD1084AD2T36 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
KD1084 SERIES
11/18
ELECTRICAL CHARACTERISTICS OF KD1084#5 (VI=8V, CI = CO =10µF (Tant.), TA = -40 to 125°C,
unless otherwise specified.)
ELECTRICAL CHARACTERISTICS OF KD1084 (VI=4.25V, CI = CO =10µF (Tant.), TA = -40 to 125°C,
unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO = 0 mA
TJ = 25°C
4.9
5
5.1
V
IO = 0 to 5A VI = 6.6 to 10V
4.85
5
5.15
V
∆V
O
Line Regulation
IO = 0 mA
VI = 6.6 to 10V TJ = 25°C
0.5
10
mV
IO = 0 mA
VI = 6.6 to 10V
1
10
mV
∆V
O
Load Regulation
IO = 0 to 5A TJ = 25°C
5
20
mV
IO = 0 to 5A
10
35
V
Vd
Dropout Voltage
IO =5 A
1.3
1.5
V
Iq
Quiescent Current
VI ≤ 10V
5
10
mA
Isc
Short Circuit Current
VI - VO = 5V
5.5
7
A
Termal Regulation
TA = 25°C, 30ms pulse
0.003
0.015
%/W
SVR
Supply Voltage Rejection
f = 120 Hz,
CO = 25 µF, IO = 5A
VI = 8.5 ± 1.5V
60
72
dB
eN
RMS Output Noise Voltage
(% of VO)
TA = 25°C
f =10Hz to 10KHz
0.003
%
S
Temperature Stability
0.5
%
S
Long Term Stability
TA = 125°C 1000Hrs
0.5
%
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO = 10mA
TJ = 25°C
1.225
1.25
1.275
V
IO = 10mA to 5A
VI = 2.85 to 10V
1.213
1.25
1.287
V
∆V
O
Line Regulation
IO = 10mA
VI = 2.85 to 10V TJ = 25°C
0.015
0.2
%
IO = 10mA
VI = 2.85 to 10V
0.035
0.2
%
∆V
O
Load Regulation
IO = 10mA to 5A
TJ = 25°C
1
0.3
%
IO = 10mA to 5A
0.2
0.4
%
Vd
Dropout Voltage
IO = 5A
1.3
1.5
V
IO(min)
Minimum Load Current
VI = 10V
3
10
mA
Isc
Short Circuit Current
VI - VO = 5V
5.5
7
A
Termal Regulation
TA = 25°C, 30ms pulse
0.003
0.015
%/W
SVR
Supply Voltage Rejection
f = 120 Hz,
CO = 25 µF, CADJ = 25 µF,
IO = 5A
VI = 4.75 ± 1.5V
60
72
dB
IADJ
Adjust Pin Current
VI = 4.25V
IO = 10 mA
55
120
µA
∆I
ADJ
Adjust Pin Current Change
IO = 10mA to 5A
VI = 2.85 to 10V
0.2
5
µA
eN
RMS Output Noise Voltage
(% of VO)
TA = 25°C
f =10Hz to 10KHz
0.003
%
S
Temperature Stability
0.5
%
S
Long Term Stability
TA = 125°C 1000Hrs
0.5
%


유사한 부품 번호 - KD1084AD2T36

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
KD1084AD2T-R STMICROELECTRONICS-KD1084AD2T-R Datasheet
349Kb / 22P
   5A Low drop positive voltage regulator adjustable and fixed
KD1084AD2T18R STMICROELECTRONICS-KD1084AD2T18R Datasheet
349Kb / 22P
   5A Low drop positive voltage regulator adjustable and fixed
KD1084AD2T18R STMICROELECTRONICS-KD1084AD2T18R Datasheet
768Kb / 22P
   5 A low drop positive voltage regulator adjustable and fixed
KD1084AD2T18R STMICROELECTRONICS-KD1084AD2T18R Datasheet
356Kb / 20P
   5 A low drop positive voltage regulator adjustable and fixed
More results

유사한 설명 - KD1084AD2T36

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LD1084 STMICROELECTRONICS-LD1084 Datasheet
563Kb / 18P
   5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
KD1084 STMICROELECTRONICS-KD1084_07 Datasheet
349Kb / 22P
   5A Low drop positive voltage regulator adjustable and fixed
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
logo
First Silicon Co., Ltd
FR1117P FS-FR1117P Datasheet
401Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
2012. 07. 20 Revision No : 7
logo
STMicroelectronics
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
LD1117XX STMICROELECTRONICS-LD1117XX Datasheet
1Mb / 42P
   Adjustable and fixed low drop positive voltage regulator
KD1083 STMICROELECTRONICS-KD1083 Datasheet
476Kb / 11P
   7.5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
LD1085C STMICROELECTRONICS-LD1085C Datasheet
370Kb / 15P
   3A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
LD1085 STMICROELECTRONICS-LD1085_07 Datasheet
509Kb / 27P
   3A Low drop positive voltage regulator adjustable and fixed
LD1086XX STMICROELECTRONICS-LD1086XX Datasheet
584Kb / 37P
   1.5A Low drop positive voltage regulator adjustable and fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com