전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADXRS613 데이터시트(PDF) 7 Page - Analog Devices

부품명 ADXRS613
상세설명  짹150째/sec Yaw Rate Gyroscope
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADXRS613 데이터시트(HTML) 7 Page - Analog Devices

Back Button ADXRS613 Datasheet HTML 3Page - Analog Devices ADXRS613 Datasheet HTML 4Page - Analog Devices ADXRS613 Datasheet HTML 5Page - Analog Devices ADXRS613 Datasheet HTML 6Page - Analog Devices ADXRS613 Datasheet HTML 7Page - Analog Devices ADXRS613 Datasheet HTML 8Page - Analog Devices ADXRS613 Datasheet HTML 9Page - Analog Devices ADXRS613 Datasheet HTML 10Page - Analog Devices ADXRS613 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADXRS613
Rev. 0 | Page 7 of 12
30
0
125
(°/s)
25
20
15
10
5
135
145
155
165
175
185
195
Figure 10. Measurement Range
1.5
−1.5
−40
120
TEMPERATURE (°C)
1.0
0.5
0
−0.5
−1.0
−20
0
20406080
100
Figure 11. Typical Self-Test Change over Temperature
30
0
(mA)
25
20
15
10
5
3.7
3.9
4.1
4.3
4.5
2.5
2.7
2.9
3.1
3.3
3.5
Figure 12. Current Consumption at 25°C (VRATIO = 5 V)
40
35
30
25
0
5
10
15
20
2.40 2.42 2.44 2.46 2.48 2.50
2.54 2.56 2.58 2.60
2.52
VOLTAGE (V)
Figure 13. VTEMP Output at 25°C (VRATIO = 5 V)
3.3
3.1
2.9
2.7
1.5
2.1
1.9
1.7
2.3
2.5
–40
–20
0
20
40
60
100
120
80
TEMPERATURE (°C)
256 PARTS
Figure 14. VTEMP Output over Temperature (VRATIO = 5 V)
60
50
30
40
10
20
–20
–10
0
750
770
810
830
850
790
TIME (ms)
REF
Y
X
+45°
–45°
Figure 15. g and g × g Sensitivity for a 50 g, 10 ms Pulse


유사한 부품 번호 - ADXRS613

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610BBGZ AD-ADXRS610BBGZ Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610BBGZ-RL AD-ADXRS610BBGZ-RL Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
   300/sec Yaw Rate Gyro
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
More results

유사한 설명 - ADXRS613

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADXRS623 AD-ADXRS623 Datasheet
393Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
REV. 0
ADXRS623 AD-ADXRS623_V01 Datasheet
328Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
Rev. A
ADXRS622 AD-ADXRS622 Datasheet
328Kb / 12P
   plus,minus250temperature/sec Yaw Rate Gyroscope
ADIS16100 AD-ADIS16100_15 Datasheet
427Kb / 16P
   Yaw Rate Gyroscope with SPI
REV. D
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADIS16080 AD-ADIS16080_15 Datasheet
518Kb / 16P
   Yaw Rate Gyroscope with SPI
Rev. C
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com