전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL2309NZ 데이터시트(PDF) 4 Page - SpectraLinear Inc

부품명 SL2309NZ
상세설명  Low Jitter and Skew DC to 140 MHz Clock Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPECTRALINEAR [SpectraLinear Inc]
홈페이지  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL2309NZ 데이터시트(HTML) 4 Page - SpectraLinear Inc

  SL2309NZ Datasheet HTML 1Page - SpectraLinear Inc SL2309NZ Datasheet HTML 2Page - SpectraLinear Inc SL2309NZ Datasheet HTML 3Page - SpectraLinear Inc SL2309NZ Datasheet HTML 4Page - SpectraLinear Inc SL2309NZ Datasheet HTML 5Page - SpectraLinear Inc SL2309NZ Datasheet HTML 6Page - SpectraLinear Inc SL2309NZ Datasheet HTML 7Page - SpectraLinear Inc SL2309NZ Datasheet HTML 8Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Rev 1.2, April 28, 2007
Page 4 of 8
SL2309NZ
Operating Conditions (C-Grade and I-Grade)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF
Description
Symbol
Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
VDD+/-10%
2.97
3.3
3.63
V
TA1
Ambient Temperature
C-Grade
0
70
°C
Operating Temperature
TA2
Ambient Temperature
I-Grade
-40
85
°C
Input Capacitance
VIH
Pin 1
5
7
pF
CL1
All outputs <100MHz
30
pF
Load Capacitance
CL2
All outputs 100MHz to 135MHz
15
pF
Operating Frequency
FBUF_IN
Fanout Buffer Range
DC
140
MHz
DC Electrical Characteristics (C-Grade)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range 0 to +70°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Input LOW Voltage
VINL
BUF_IN
0.8
V
Input HIGH Voltage
VINH
BUF_IN
2.0
VDD+0.3
V
Input LOW Current
IINL
0 < VIN < 0.8V
15
µA
Input HIGH Current
IINH
2.4V < VIN < VDD
25
µA
Output Low Voltage
VOL
IOL=8mA
0.4
V
Output High Voltage
VOH
IOH=-8mA
2.4
V
Power Supply Current
IDD1
CLKIN=33.3MHz, CL=0
9
13
mA
Power Supply Current
IDD2
CLKIN=66.6MHz, CL=0
11
16
mA
Power Supply Current
IDD3
CLKIN=133.3MHz, CL=0
14
20
mA
Switching Electrical Characteristics (C-Grade)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF
and Ambient Temperature range 0 to +70°C
Description
Symbol
Condition
Min
Typ
Max
Unit
FOUT1
CL=15pf
0
140
MHz
Output Frequency Range
FOUT2
CL=30pf
0
100
MHz
Input Duty Cycle
DC1
Measured at VDD/2
20
50
80
%
Output Duty Cycle
DC2
CL=15pF, Fout=140 MHz
Measured at VDD/2
45
50
55
%
Output Duty Cycle
DC3
CL=30pF, Fout=100 MHz
Measured at VDD/2
40
50
60
%
Output Rise Time
tr
Measured at 0.8V to 2.0V
CL=0 to 30pF
1.5
ns


유사한 부품 번호 - SL2309NZ

제조업체부품명데이터시트상세설명
logo
SpectraLinear Inc
SL2309NZSC-1H SPECTRALINEAR-SL2309NZSC-1H Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
SL2309NZSC-1HT SPECTRALINEAR-SL2309NZSC-1HT Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
SL2309NZSI-1H SPECTRALINEAR-SL2309NZSI-1H Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
SL2309NZSI-1HT SPECTRALINEAR-SL2309NZSI-1HT Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
More results

유사한 설명 - SL2309NZ

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com