전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL23EP08SC-2H 데이터시트(PDF) 8 Page - SpectraLinear Inc

부품명 SL23EP08SC-2H
상세설명  Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPECTRALINEAR [SpectraLinear Inc]
홈페이지  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP08SC-2H 데이터시트(HTML) 8 Page - SpectraLinear Inc

Back Button SL23EP08SC-2H Datasheet HTML 4Page - SpectraLinear Inc SL23EP08SC-2H Datasheet HTML 5Page - SpectraLinear Inc SL23EP08SC-2H Datasheet HTML 6Page - SpectraLinear Inc SL23EP08SC-2H Datasheet HTML 7Page - SpectraLinear Inc SL23EP08SC-2H Datasheet HTML 8Page - SpectraLinear Inc SL23EP08SC-2H Datasheet HTML 9Page - SpectraLinear Inc SL23EP08SC-2H Datasheet HTML 10Page - SpectraLinear Inc SL23EP08SC-2H Datasheet HTML 11Page - SpectraLinear Inc SL23EP08SC-2H Datasheet HTML 12Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Rev 1.4, May 28, 2007
Page 8 of 18
SL23EP08
Operating Conditions (I-Grade)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range -40 to +85°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
VDD+/-10%
2.97
3.3
3.63
V
Operating Temperature
TA
Ambient Temperature
-40
-
85
°C
Input Capacitance
VIH
Pins 1, 8, 9 and 16
-
5
8
pF
DC Electrical Characteristics (I-Grade)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range -40 to +85°
Description
Symbol
Condition
Min
Typ
Max
Unit
Input LOW Voltage
VINL
CLKIN, S2 and S1 pins
0.8
V
Input HIGH Voltage
VINH
CLKIN, S2 and S1 pins
2.0
VDD+0.3
V
Input LOW Current
IINL
0 < VIN < 0.8V
CLKIN, S2 and S1 inputs
–25
50
µA
Input HIGH Current
IINH
VIN = 2.4 to VDD
CLKIN, S2 and S1 inputs
––
50
µA
IOL = 8 mA (standard drive)
0.4
V
Output LOW Voltage
VOL
IOL = 12 mA (high drive)
0.4
V
IOH = –8 mA (standard drive)
2.4
V
Output HIGH Voltage
VOH
IOH = –12 mA (high drive)
2.4
V
Power Down Supply
Current
IIDDPD
Measured at CLKIN= GND to VDD or
input is floating
–12
18
µA
Power Supply Current
IDD1
All Outputs CL=0, 33.3 MHz CLKIN
S2=S1=1 (high), all versions
–17
22
mA
Power Supply Current
IDD2
All Outputs CL=0, 66.6 MHz CLKIN
S2=S1=1 (high), all versions
–24
32
mA
Power Supply Current
IDD3
All Outputs CL=0, 100 MHz CLKIN
S2=S1=1 (high), all versions
–30
40
mA
Power Supply Current
IDD4
All Outputs CL=0, 133.3 MHz CLKIN
S2=S1=1 (high), all versions
–38
50
mA
Pull-up and Pull-down
Resistors
RPUD
Pins-1/2/3/7/8/9/10/11/14/15
250k -typ
125
250
375
k


유사한 부품 번호 - SL23EP08SC-2H

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SL23EP08SC-2 SILABS-SL23EP08SC-2 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP08SC-2T SILABS-SL23EP08SC-2T Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results

유사한 설명 - SL23EP08SC-2H

제조업체부품명데이터시트상세설명
logo
SpectraLinear Inc
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com