전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPD750SOT343 데이터시트(PDF) 6 Page - Filtronic Compound Semiconductors

부품명 FPD750SOT343
상세설명  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FILTRONIC [Filtronic Compound Semiconductors]
홈페이지  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD750SOT343 데이터시트(HTML) 6 Page - Filtronic Compound Semiconductors

Back Button FPD750SOT343_1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD750SOT343_1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD750SOT343_1 Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD750SOT343_1 Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD750SOT343_1 Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD750SOT343_1 Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD750SOT343_1 Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD750SOT343_1 Datasheet HTML 9Page - Filtronic Compound Semiconductors FPD750SOT343_1 Datasheet HTML 10Page - Filtronic Compound Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
6
Datasheet v3.0
FPD750SOT343
REFERENCE DESIGN (1.85GHZ):
1.OIP3 measured at Pout of 9dBm per
tone
FREQUENCY
GHZ
1.85
Gain
dB
16.5
P1dB
dBm
19
OIP3
1
dBm
31
N.F.
dB
0.6
S11
dB
-6
S22
dB
-10
Vd
V
3.3
Vg
V
-0.4 to -0.6
Id
mA
40
Measured Gain and Return Loss
BOARD LAYOUT:
15pF
Lg
33pF
L1
0.01uF
20O
+ 1.0uF
+
15pF
0.01uF
Ld
33pF
C2
L2
Q1
Vg
Vd
1.45"
0.63"
Component Values
Eval board material - 31mil thick FR4 with 1/2 Ounce Cu on
both sides
Component
Value
Description
Lg
22nH
LL1608 Toko chip inductor
Ld
22nH
LL1608 Toko chip inductor
L1
2.2nH
LL1005 Toko chip inductor
L2
1.8nH
LL1005 Toko chip inductor
C2
1.0pF
ATC 600S Chip Capacitor
33pF
33pF
20 Ohm
15pF
15pF
0.01uF
0.01uF
1.0uF
Vd
-Vg
FPD750SOT343 EVAL Board
Schematic
22 nH
22 nH
L1
L2
C2
@1.85GHz
RF IN
RF OUT
D.C. Blocking capacitors are ATC series 600S. A tantalum 1.0µF is used at the drain terminal. All
other capacitors are 0603 and 0805 standard chip capacitors. A 0603 size 20 Ohm Chip resistor from
Vishay is used on the gate D.C. bias line for stability.


유사한 부품 번호 - FPD750SOT343_1

제조업체부품명데이터시트상세설명
logo
Filtronic Compound Semi...
FPD750SOT343 FILTRONIC-FPD750SOT343 Datasheet
105Kb / 4P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
More results

유사한 설명 - FPD750SOT343_1

제조업체부품명데이터시트상세설명
logo
Filtronic Compound Semi...
FPD1500SOT89 FILTRONIC-FPD1500SOT89_1 Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750DFN FILTRONIC-FPD750DFN_1 Datasheet
419Kb / 9P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750SOT89 FILTRONIC-FPD750SOT89 Datasheet
386Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
393Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89_1 Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN FILTRONIC-FPD1500DFN_1 Datasheet
462Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
LP1500SOT223 FILTRONIC-LP1500SOT223 Datasheet
69Kb / 2P
   Low Noise, High Linearity Packaged PHEMT
LP3000SOT89 FILTRONIC-LP3000SOT89 Datasheet
44Kb / 3P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD750SOT343 FILTRONIC-FPD750SOT343 Datasheet
105Kb / 4P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1050SOT89 FILTRONIC-FPD1050SOT89 Datasheet
237Kb / 8P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com