전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMA3009 데이터시트(PDF) 2 Page - Filtronic Compound Semiconductors

부품명 FMA3009
상세설명  2-20GHZ BROADBAND MMIC AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FILTRONIC [Filtronic Compound Semiconductors]
홈페이지  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3009 데이터시트(HTML) 2 Page - Filtronic Compound Semiconductors

  FMA3009 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 6Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 7Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 8Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 9Page - Filtronic Compound Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
2
Pilot Datasheet v2.5
FMA3009
ABSOLUTE MAXIMUM RATINGS:
Note: Exceeding any one of these absolute
maximum ratings may cause permanent
damage to the device.
PAD LAYOUT:
Note: Co-ordinates are referenced from the bottom
left hand corner of the die to the centre of bond pad
opening
DIFFERENT BIAS
CONFIGURATIONS:
The Pads B, C and D can
be bonded to ground or
left unbonded to achieve
different performances,
as shown on the
following table (see also
page 5 for more
information).
PARAMETER
SYMBOL
ABSOLUTE
MAXIMUM
Max Input Power
Pin
+20dBm
Drain Voltage
VDD
+10V
Total Power
Dissipation
Ptot
3 W
Thermal Resistivity
θJC
32°C/W
Operating Temp
Toper
-40°C to +85°C
Storage Temp
Tstor
-55°C to +150°C
PAD
REF
PAD
NAME
DESCRIPTION
PIN
COORDINATES
(µm)
A
IN
RF in
(100,396)
B
R1
Enable Different
(1896,100)
C
R2
Source Resistors to be
(2046, 100)
D
R3
grounded
(2196, 100)
E
Source
Test Pad
(Resistor bypass)
(2027, 337)
F
OUT
RF Output
(2200, 650)
G
VDD
Drain Voltage
(2156, 1000)
H
GND
Ground
(1738, 995)
I
R5
Cascode Resistors:
(245, 1000)
Enable Different
J
R4
Voltages across the
(95, 1000)
Cascode devices
G
H
I
J
F
A
E
B
D
C
DIE SIZE (
µm)
DIE THICKNESS (
µm)
MIN. BOND PAD PITCH
(
µm)
MIN. BOND PAD OPENING
(
µm x µm )
2300 x 1100
100
150
100 x 100
PADS GROUNDED
B
C
D
TYPICAL BIAS
CURRENT
(MA)
TYPICAL GAIN AT
10 GHZ (DB)
230
9.9
210
9.8
200
9.7
179
9.4
178
9.4
145
9.1
112
8.7
Website: www.filtronic.com


유사한 부품 번호 - FMA3009

제조업체부품명데이터시트상세설명
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
More results

유사한 설명 - FMA3009

제조업체부품명데이터시트상세설명
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007 Datasheet
204Kb / 6P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008_1 Datasheet
712Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007_1 Datasheet
662Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5805X EUDYNA-FMM5805X Datasheet
2Mb / 4P
   17.5-20GHz Power Amplifier MMIC
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
   17.5-20GHz Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
   2-20 GHZ BROADBAND MMIC AMPLIFIER
logo
RF Micro Devices
SUF-1000 RFMD-SUF-1000 Datasheet
754Kb / 6P
   Cascadable pHEMT MMIC Amplifier DC to 20GHz
logo
TriQuint Semiconductor
RM022020 TRIQUINT-RM022020_15 Datasheet
239Kb / 5P
   2-20GHz 20W Benchtop Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com