전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPD1050 데이터시트(PDF) 3 Page - Filtronic Compound Semiconductors

부품명 FPD1050
상세설명  0.75W POWER PHEMT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FILTRONIC [Filtronic Compound Semiconductors]
홈페이지  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1050 데이터시트(HTML) 3 Page - Filtronic Compound Semiconductors

  FPD1050_1 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD1050_1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD1050_1 Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
3
Datasheet v3.0
FPD1050
PREFERRED ASSEMBLY INSTRUCTIONS:
PART NUMBER
DESCRIPTION
FPD1050
Die
GaAs devices are fragile and should be
handled with great care. Specially designed
collets should be used where possible.
The
recommended
die
attach
is
gold/tin
eutectic solder under a nitrogen atmosphere.
Stage
temperature
should
be
280-290
°C;
maximum time at temperature is one minute.
The
recommended
wire
bond
method
is
thermo-compression wedge bonding with 0.7
or 1.0 mil (0.018 or 0.025 mm) gold wire.
Stage temperature should be 250-260
°C.
HANDLING
PRECAUTIONS:
To avoid damage to the devices care should
be
exercised
during
handling.
Proper
Electrostatic
Discharge
(ESD)
precautions
should be observed at all stages of storage,
handling,
assembly,
and
testing.
These
devices should be treated as Class 0 (0-250 V)
as defined in JEDEC Standard No. 22-A114.
Further information on ESD control measures
can be found in MIL-STD-1686 and MIL-
HDBK-263.
APPLICATION NOTES & DESIGN DATA:
Application Notes and design data including S-
parameters,
and
device model are available
on request.
DISCLAIMERS:
This product is not designed for use in any
space
based
or
life
sustaining/supporting
equipment.
ORDERING INFORMATION:


유사한 부품 번호 - FPD1050_1

제조업체부품명데이터시트상세설명
logo
RF Micro Devices
FPD1050-000 RFMD-FPD1050-000 Datasheet
265Kb / 4P
   0.75W POWER pHEMT
FPD1050-000S3 RFMD-FPD1050-000S3 Datasheet
265Kb / 4P
   0.75W POWER pHEMT
FPD1050-000SQ RFMD-FPD1050-000SQ Datasheet
265Kb / 4P
   0.75W POWER pHEMT
logo
Filtronic Compound Semi...
FPD1050SOT89 FILTRONIC-FPD1050SOT89 Datasheet
237Kb / 8P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1050SOT89 FILTRONIC-FPD1050SOT89 Datasheet
144Kb / 3P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results

유사한 설명 - FPD1050_1

제조업체부품명데이터시트상세설명
logo
Filtronic Compound Semi...
FPD1050 FILTRONIC-FPD1050 Datasheet
176Kb / 2P
   0.75W POWER PHEMT
logo
RF Micro Devices
FPD1050 RFMD-FPD1050 Datasheet
265Kb / 4P
   0.75W POWER pHEMT
logo
Filtronic Compound Semi...
LP6836 FILTRONIC-LP6836 Datasheet
35Kb / 2P
   MEDIUM POWER PHEMT
LP6872 FILTRONIC-LP6872 Datasheet
38Kb / 2P
   0.5W POWER PHEMT
FPD6836 FILTRONIC-FPD6836_1 Datasheet
142Kb / 3P
   0.25W POWER PHEMT
FPD3000 FILTRONIC-FPD3000_1 Datasheet
168Kb / 3P
   2W POWER PHEMT
FPD2250 FILTRONIC-FPD2250_1 Datasheet
160Kb / 3P
   1.5W POWER PHEMT
FPD1000V FILTRONIC-FPD1000V Datasheet
197Kb / 3P
   1W POWER PHEMT
FPD6836 FILTRONIC-FPD6836 Datasheet
188Kb / 2P
   0.25W POWER PHEMT
FPD3000 FILTRONIC-FPD3000 Datasheet
183Kb / 2P
   2W POWER PHEMT
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com