전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4934 데이터시트(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM4934
상세설명  3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4934 데이터시트(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4934_06 Datasheet HTML 5Page - National Semiconductor (TI) LM4934_06 Datasheet HTML 6Page - National Semiconductor (TI) LM4934_06 Datasheet HTML 7Page - National Semiconductor (TI) LM4934_06 Datasheet HTML 8Page - National Semiconductor (TI) LM4934_06 Datasheet HTML 9Page - National Semiconductor (TI) LM4934_06 Datasheet HTML 10Page - National Semiconductor (TI) LM4934_06 Datasheet HTML 11Page - National Semiconductor (TI) LM4934_06 Datasheet HTML 12Page - National Semiconductor (TI) LM4934_06 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX JA, and the ambient temperature, TA. The maximum
allowable power dissipation is PDMAX =(TJMAX –TA)/ θ JA or the number given in Absolute Maximum Ratings, whichever is lower.
Note 4: Human body model: 100pF discharged through a 1.5k
Ω resistor.
Note 5: Machine model: 220pF - 240pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 9: Shutdown current is measured in a normal room environment.
Note 10: Internal DAC only with DAC modes 00 and 01.
TABLE 1. Output Noise
Output Noise AV
DD =5Vand AVDD = 3V. All gains set to 0dB. Units in µV. A - weighted
MODE
EP
LS
HP OCL or SE
Lineout
Units
122
22
11
9
µV
222
22
11
9
µV
322
22
11
9
µV
468
88
46
35
µV
538
48
24
20
µV
629
34
18
15
µV
738
48
24
20
µV
TABLE 2. PSRR AV
DD =3V
PSRR AV
DD = 3V. f = 217Hz; Vripple = 200mVp-p; CB = 2.2µF.
MODE
EP
(Typ)
LS
(Typ)
LS
(Limit)
HP OCL or
SE
(Typ)
HP OCL or
SE
(Limit)
Lineout
(Typ)
Units
169
71
72
70
dB
2
69
71
677268
70
dB
369
71
72
70
dB
463
62
55
68
dB
569
68
61
69
dB
669
70
64
70
dB
769
68
61
69
dB
TABLE 3. PSRR AV
DD =5V
PSRR AV
DD = 5V. All gains set to 0dB. f = 217Hz; Vripple = 200mVp-p; CB = 2.2µF
MODE
EP
(Typ)
LS
(Typ)
HP OCL or SE
(Typ)
Lineout
(Typ)
Units
168
72
71
70
dB
268
72
71
70
dB
368
72
71
70
dB
468
66
69
70
dB
568
69
70
70
dB
669
72
71
71
dB
768
69
70
70
dB
TABLE 4. Dynamic Range and SNR
Dynamic Range and SNR. 3V
≤ AV
DD
≤ 5V. All programmable gain set to 0dB. Units in dB.
DR (Typ)
SNR (Typ)
Units
LS
95
85
dB
Lineout
100
87
dB
www.national.com
9


유사한 부품 번호 - LM4934_06

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4934WL NSC-LM4934WL Datasheet
1Mb / 39P
   3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
More results

유사한 설명 - LM4934_06

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4934 NSC-LM4934 Datasheet
1Mb / 39P
   3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
logo
Texas Instruments
LM4947 TI1-LM4947_14 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
logo
National Semiconductor ...
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
Texas Instruments
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
[Old version datasheet]   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
National Semiconductor ...
LM49321 NSC-LM49321 Datasheet
1Mb / 42P
   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
Texas Instruments
LM49321 TI1-LM49321 Datasheet
1Mb / 45P
[Old version datasheet]   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
LM49321 TI-LM49321_15 Datasheet
1,022Kb / 45P
[Old version datasheet]   LM49321 Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
National Semiconductor ...
LM4947 NSC-LM4947 Datasheet
1Mb / 32P
   Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
logo
Texas Instruments
LM4937 TI1-LM4937 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Sub-System with OCL Stereo Headphone Output and RF Suppression
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com