전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM2250RMZ-REEL 데이터시트(PDF) 11 Page - Analog Devices

부품명 SSM2250RMZ-REEL
상세설명  Mono 1.5 W/Stereo 250 mW Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

SSM2250RMZ-REEL 데이터시트(HTML) 11 Page - Analog Devices

Back Button SSM2250RMZ-REEL Datasheet HTML 4Page - Analog Devices SSM2250RMZ-REEL Datasheet HTML 5Page - Analog Devices SSM2250RMZ-REEL Datasheet HTML 6Page - Analog Devices SSM2250RMZ-REEL Datasheet HTML 7Page - Analog Devices SSM2250RMZ-REEL Datasheet HTML 8Page - Analog Devices SSM2250RMZ-REEL Datasheet HTML 9Page - Analog Devices SSM2250RMZ-REEL Datasheet HTML 10Page - Analog Devices SSM2250RMZ-REEL Datasheet HTML 11Page - Analog Devices SSM2250RMZ-REEL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SSM2250
Rev. A | Page 11 of 12
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
48
47
46
45
44
43
42
41
40
39
38
37
13
14
15
16
17
18
19
20
21
22
23
24
14
13
12
11
10
9
8
NC
C9
C10
C13
C15
C16
C17
C12
C14
LINE OUT RIGHT
LINE OUT LEFT
NC
MONO OUT
AD1881A
NC = NO CONNECT
NC NC NC NC
NC NC NC
NC
NC
R1
20k
Ω
R5
20k
Ω
R2
100
Ω
R3
1k
Ω
R4
1k
Ω
TO SPEAKER–
TO SPEAKER+
AVDD = 5V
AVDD = 5V
AVDD = 5V
AVDD = 5V
SSM2250
NC
NC
NC
NC
NC
C1
10
μF
C4
10
μF
C3
0.1
μF
C2
10
μF
C7
0.1
μF
C6
10
μF
C5
100
μF
+
+
+
AC CLK
C8
22pF
C23
0.1
μF
C11
22pF
C20
27pF
C22
1
μF
C26
1
μF
C29
1
μF
C31
1
μF
C27
1
μF
C25
1
μF
C24
1
μF
C21
0.1
μF
C16
10
μF
C19
0.1
μF
270pF
270pF
1
μF
1
μF
0.1
μF
1
μF
1
μF
0.047
μF
C28
0.001
μF
C30
1
μF
C32
1
μF
C33
1
μF
Y1
24.576MHz
SMT
SDATA
OUT
BITCLK
SYNC
SDATA
IN 0
RST#
PCBEEP
MONO
PHONE
AUX
LEFT
AUX
IN
R8
47
Ω
R10
10k
Ω
R11
1k
Ω
R12
4.7k
Ω
R14
4.7k
Ω
R17
4.7k
Ω
R19
4.7k
Ω
R18
4.7k
Ω
R15
4.7k
Ω
R13
4.7k
Ω
R9
2k
Ω
R7
20k
Ω
R6
20k
Ω
R16
4.7k
Ω
LINE IN RIGHT
LINE IN LEFT
MIC IN
CD RIGHT
CD GND
CD LEFT
Figure 20. PC99 Compliant Audio System Reference Design


유사한 부품 번호 - SSM2250RMZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM2250RM AD-SSM2250RM Datasheet
287Kb / 10P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. 0
More results

유사한 설명 - SSM2250RMZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM2250 AD-SSM2250 Datasheet
287Kb / 10P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. 0
SSM2250 AD-SSM2250_15 Datasheet
790Kb / 12P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
logo
National Semiconductor ...
LM4850 NSC-LM4850 Datasheet
1Mb / 20P
   Mono 1.5 W / Stereo 300 mW Power Amplifier
logo
Texas Instruments
LM4853 TI1-LM4853 Datasheet
1Mb / 25P
[Old version datasheet]   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
National Semiconductor ...
LM4858 NSC-LM4858 Datasheet
683Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Texas Instruments
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com