전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM2166S 데이터시트(PDF) 5 Page - Analog Devices

부품명 SSM2166S
상세설명  Microphone Preamplifier with Variable Compression and Noise Gating
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

SSM2166S 데이터시트(HTML) 5 Page - Analog Devices

  SSM2166S Datasheet HTML 1Page - Analog Devices SSM2166S Datasheet HTML 2Page - Analog Devices SSM2166S Datasheet HTML 3Page - Analog Devices SSM2166S Datasheet HTML 4Page - Analog Devices SSM2166S Datasheet HTML 5Page - Analog Devices SSM2166S Datasheet HTML 6Page - Analog Devices SSM2166S Datasheet HTML 7Page - Analog Devices SSM2166S Datasheet HTML 8Page - Analog Devices SSM2166S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. B
SSM2166
–5–
RROT PT RESISTOR – k
1.0
0.1
0.01
045
510
35 40
15 20 25 30
50 55
TA = +25°C
V+ = 5V
RL = 100k
COMPRESSION RATIO = 1:1
NOISE GATE SETTING
550 V rms
GAIN ADJUST (PIN 2) = 1.25k
60 65 70 75 80 85 90
TPC 7. Rotation Point vs. RROT PT (Pin 11 to V+)
10
0%
100
90
1s
5 V
TA = +25 C
COMPRESSION RATIO = 15:1
NOISE BW = 20kHz
TPC 8a. Wideband Output Noise
FREQUENCY – Hz
70
60
–20
1k
1M
10k
100k
50
40
0
30
20
10
–10
ROTATION POINT = 1.13V rms
NOISE GATE SETTING = 336 V rms
RCOMP = 40k
VIN = 400 V rms
G = 60dB
G = 40dB
G = 20dB
TPC 8b. GBW Curves vs. VCA Gain
FREQUENCY – Hz
–10
–80
20
30k
100
1k
–20
–30
–40
–50
–60
–70
RCOMP = 0
RGAIN = 1.24k
RGATE = 500k
RROT = 1.74k
10k
V+ = 5±1V p-p
V+ = 5±0.5V p-p
TPC 8c. PSRR vs. Frequency
10
0%
100
90
20mV
10 s
TA = +25 C
CAVG = 2.2 F
SYSTEM GAIN = 0dB
RL = 10k
COMP RATIO = 1:1
TPC 9. Small Signal Transient Response
10
0%
100
90
10 s
200mV
TA = +25 C
CAVG = 2.2 F
SYSTEM GAIN = 0dB
RL = 10k
COMP RATIO = 1:1
TPC 10. Large Signal Transient Response


유사한 부품 번호 - SSM2166S

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM2166S AD-SSM2166S Datasheet
214Kb / 15P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. A
SSM2166S AD-SSM2166S Datasheet
549Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
SSM2166S-REEL AD-SSM2166S-REEL Datasheet
549Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
SSM2166S-REEL7 AD-SSM2166S-REEL7 Datasheet
549Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
SSM2166SZ AD-SSM2166SZ Datasheet
437Kb / 13P
   Microphone Preamplifier
More results

유사한 설명 - SSM2166S

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM2166 AD-SSM2166 Datasheet
214Kb / 15P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. A
SSM2166 AD-SSM2166_15 Datasheet
605Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
   Microphone Preamplifier with Variable Compression and Noise Gating
SSM2166 AD-SSM2166_08 Datasheet
549Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
SSM2165 AD-SSM2165 Datasheet
163Kb / 10P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. A
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2167 AD-SSM2167 Datasheet
121Kb / 8P
   Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
REV. A
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2167 AD-SSM2167_07 Datasheet
275Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
Rev. C
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
   LOW NOISE MICROPHONE PREAMPLIFIER
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com