전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM1192 데이터시트(PDF) 10 Page - Analog Devices

부품명 ADM1192
상세설명  Digital Power Monitor with Clear Pin and ALERT Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM1192 데이터시트(HTML) 10 Page - Analog Devices

Back Button ADM1192 Datasheet HTML 6Page - Analog Devices ADM1192 Datasheet HTML 7Page - Analog Devices ADM1192 Datasheet HTML 8Page - Analog Devices ADM1192 Datasheet HTML 9Page - Analog Devices ADM1192 Datasheet HTML 10Page - Analog Devices ADM1192 Datasheet HTML 11Page - Analog Devices ADM1192 Datasheet HTML 12Page - Analog Devices ADM1192 Datasheet HTML 13Page - Analog Devices ADM1192 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADM1192
Rev. B | Page 10 of 20
VOLTAGE AND CURRENT READBACK
The ADM1192 contains the components to allow voltage and
current readback over an I2C bus. The voltage output of the
current sense amplifier and the voltage on the VCC pin are fed
into a 12-bit ADC via a multiplexer. The device can be instructed
to convert voltage and/or current at any time during operation
via an I2C command. When all conversions are complete, the
voltage and/or current values can be read back with 12-bit
accuracy in two or three bytes.
SERIAL BUS INTERFACE
Control of the ADM1192 is carried out via the serial system
management bus (I2C). This interface is compatible with the I2C
fast mode (400 kHz maximum). The ADM1192 is connected to
this bus as a slave device, under the control of a master device.
IDENTIFYING THE ADM1192 ON THE I2C BUS
The ADM1192 has a 7-bit serial bus slave address. When the
device powers up, it does so with a default serial bus address.
The five MSBs of the address are set to 01011; the two LSBs are
determined by the state of the ADR pin. There are four config-
urations available on the ADR pin that correspond to four I2C
addresses for the two LSBs (see Table 5). This scheme allows four
ADM1192 devices to operate on a single I2C bus.
GENERAL I2C TIMING
Figure 18 and Figure 19 show timing diagrams for general write
and read operations using the I2C. The I2C specification defines
conditions for different types of read and write operations, which
are discussed in the Write and Read Operations section. The
general I2C protocol operates as follows:
1.
The master initiates a data transfer by establishing a start
condition, defined as a high-to-low transition on the serial
data line, SDA, while the serial clock line, SCL, remains high.
This indicates that a data stream is to follow. All slave periph-
erals connected to the serial bus respond to the start condition
and shift in the next eight bits, consisting of a 7-bit slave
address (MSB first) plus an R/W bit that determines the
direction of the data transfer, that is, whether data is written
to or read from the slave device (0 = write, 1 = read).
The peripheral whose address corresponds to the transmitted
address responds by pulling the data line low during the
low period before the ninth clock pulse, known as the
acknowledge bit, and holding it low during the high period of
this clock pulse. All other devices on the bus now remain
idle while the selected device waits for data to be read from
it or written to it. If the R/W bit is 0, the master writes to
the slave device. If the R/W bit is 1, the master reads from
the slave device.
2.
Data is sent over the serial bus in sequences of nine clock
pulses: eight bits of data followed by an acknowledge bit
from the slave device. Data transitions on the data line
must occur during the low period of the clock signal and
remain stable during the high period because a low-to-high
transition when the clock is high can be interpreted as a
stop signal.
If the operation is a write operation, the first data byte after
the slave address is a command byte. This tells the slave
device what to expect next. It can be an instruction, such as
telling the slave device to expect a block write, or it can be
a register address that tells the slave where subsequent data
is to be written.
Because data can flow in only one direction, as defined by
the R/W bit, it is not possible to send a command to a slave
device during a read operation. Before performing a read
operation, it may be necessary to first execute a write
operation to tell the slave what sort of read operation to
expect and/or the address from which data is to be read.
3.
When all data bytes are read or written, stop conditions are
established. In write mode, the master pulls the data line
high during the 10th clock pulse to assert a stop condition.
In read mode, the master device releases the SDA line
during the SCL low period before the ninth clock pulse,
but the slave device does not pull it low. This is known as a
no acknowledge. The master then takes the data line low
during the SCL low period before the 10th clock pulse, and
then high during the 10th clock pulse to assert a stop condition.
Table 5. Setting I2C Addresses via the ADR Pin
Base Address
ADR Pin State
ADR Pin Logic State
Address in Binary1
Address in Hex
01011
Ground
00
0101100X
0x58
Resistor to ground
01
0101101X
0x5A
Floating
10
0101110X
0x5C
High
11
0101111X
0x5E
1 X = don’t care.


유사한 부품 번호 - ADM1192

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1192 AD-ADM1192 Datasheet
395Kb / 20P
   Digital Power Monitor with Clear Pin and ALERT Output
REV. 0
ADM1192-1ARMZ-R7 AD-ADM1192-1ARMZ-R7 Datasheet
395Kb / 20P
   Digital Power Monitor with Clear Pin and ALERT Output
REV. 0
More results

유사한 설명 - ADM1192

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1192 AD-ADM1192 Datasheet
395Kb / 20P
   Digital Power Monitor with Clear Pin and ALERT Output
REV. 0
ADM1191 AD-ADM1191_08 Datasheet
403Kb / 16P
   Digital Power Monitor with Convert Pin and ALERTB Output
REV. B
ADM1191 AD-ADM1191 Datasheet
389Kb / 16P
   Digital Power Monitor with Convert Pin and ALERTB O
REV. 0
logo
Texas Instruments
INA230 TI-INA230_V01 Datasheet
2Mb / 44P
[Old version datasheet]   INA230 36-V, 16-Bit, I2C Output Current, Voltage and Power Monitor With Alert
DECEMBER 2021
logo
Analog Devices
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
logo
Linear Technology
LTC2995 LINER-LTC2995_15 Datasheet
233Kb / 20P
   Temperature Sensor and Dual Voltage Monitor with Alert Outputs
logo
Analog Devices
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1177 AD-ADM1177 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
Rev. PrD May 2006
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032_12 Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com