전자부품 데이터시트 검색엔진 |
|
OP162GS-REEL 데이터시트(PDF) 5 Page - Analog Devices |
|
OP162GS-REEL 데이터시트(HTML) 5 Page - Analog Devices |
5 / 20 page OP162/OP262/OP462 Rev. F | Page 5 of 20 @ VS = ±5.0 V, VCM = 0 V, TA = 25°C, unless otherwise noted. Table 3. Electrical Characteristics Parameter Symbol Conditions Min Typ Max Unit INPUT CHARACTERISTICS Offset Voltage VOS OP162G, OP262G, OP462G 25 325 µV −40°C ≤ TA ≤ +125°C 800 µV H grade, –40°C ≤ TA ≤ +125°C 1 mV D grade 0.8 3 mV −40°C ≤ TA ≤ +125°C 5 mV Input Bias Current IB 260 500 nA −40°C ≤ TA ≤ +125°C 650 nA Input Offset Current IOS ±2.5 ±25 nA −40°C ≤ TA ≤ +125°C ±40 nA Input Voltage Range VCM –5 +4 V Common-Mode Rejection CMRR −4.9 V ≤ VCM ≤ +4.0 V, –40°C ≤ TA ≤ +125°C 70 110 dB Large Signal Voltage Gain AVO RL = 2 kΩ, –4.5 V ≤ VOUT ≤ +4.5 V 35 V/mV RL = 10 kΩ, –4.5 V ≤ VOUT ≤ +4.5 V 75 120 V/mV −40°C ≤ TA ≤ +125°C 25 V/mV Long-Term Offset Voltage1 VOS G grade 600 µV Offset Voltage Drift2 ∆VOS/∆T 1 µV/°C Bias Current Drift ∆IB/∆T 250 pA/°C OUTPUT CHARACTERISTICS Output Voltage Swing High VOH IL = 250 µA, –40°C ≤ TA ≤ +125°C 4.95 4.99 V IL= 5 mA 4.85 4.94 V Output Voltage Swing Low VOL IL = 250 µA, –40°C ≤ TA ≤ +125°C –4.99 –4.95 V IL= 5 mA –4.94 –4.85 V Short-Circuit Current ISC Short to ground ±80 mA Maximum Output Current IOUT ±30 mA POWER SUPPLY Power Supply Rejection Ratio PSRR VS = ±1.35 V to ±6 V, −40°C ≤ TA ≤ +125°C 60 110 dB Supply Current/Amplifier ISY OP162, VOUT = 0 V 650 800 µA −40°C ≤ TA ≤ +125°C 1.15 mA OP262, OP462, VOUT = 0 V 550 775 µA −40°C ≤ TA ≤ +125°C 1 mA Supply Voltage Range VS 3.0 (±1.5) 12 (±6) V DYNAMIC PERFORMANCE Slew Rate SR −4 V < VOUT < 4 V, RL = 10 kΩ 13 V/µs Settling Time tS To 0.1%, AV = –1, VO = 2 V step 475 ns Gain Bandwidth Product GBP 15 MHz Phase Margin φm 64 Degrees NOISE PERFORMANCE Voltage Noise en p-p 0.1 Hz to 10 Hz 0.5 µV p-p Voltage Noise Density en f = 1 kHz 9.5 nV/√Hz Current Noise Density in f = 1 kHz 0.4 pA/√Hz 1 Long-term offset voltage is guaranteed by a 1000 hour life test performed on three independent lots at +125°C, with an LTPD of 1.3. 2 Offset voltage drift is the average of the −40°C to +25°C delta and the +25°C to +125°C delta. |
유사한 부품 번호 - OP162GS-REEL |
|
유사한 설명 - OP162GS-REEL |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |