전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8662 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD8662
상세설명  Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8662 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD8662 Datasheet HTML 6Page - Analog Devices AD8662 Datasheet HTML 7Page - Analog Devices AD8662 Datasheet HTML 8Page - Analog Devices AD8662 Datasheet HTML 9Page - Analog Devices AD8662 Datasheet HTML 10Page - Analog Devices AD8662 Datasheet HTML 11Page - Analog Devices AD8662 Datasheet HTML 12Page - Analog Devices AD8662 Datasheet HTML 13Page - Analog Devices AD8662 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8661/AD8662/AD8664
Rev. D | Page 10 of 16
TEMPERATURE (°C)
–40
0
1.8
120
100
80
40
60
20
0
–20
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
VS =5V
VS =16V
Figure 19. Supply Current vs. Temperature
VS (V)
0
0
1400
1200
1000
800
600
400
200
18
16
14
12
10
8
6
4
2
Figure 20. Supply Current vs. Supply Voltage
(Dual-Supply Configuration), TA = 25°C
TIME (1s/DIV)
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
VS = ±2.5V AND ±8V
Figure 21. 0.1 Hz to 10 Hz Input Voltage Noise
TIME (0.5µs/DIV)
–100
–80
–60
–40
–20
0
20
40
60
80
100
VS = 5V AND 16V
VIN = 100mV
CL = 200pF
G= +1
Figure 22. Small Signal Transient Response
TIME (2µs/DIV)
–8
–6
–4
–2
8
6
4
2
0
VS = 16V
CL = 200pF
Figure 23. Large Signal Transient Response
TIME (5µs/DIV)
–8V
0V
0V
100mV
VIN
VO
VS = 16V
G = –100
Figure 24. Positive Overload Recovery


유사한 부품 번호 - AD8662

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8662 AD-AD8662 Datasheet
184Kb / 5P
   16V Low Cost, High Performance CMOS Rail-to-Rail Operational Amplifiers
REV. PrA 10/5/2004
AD8662 AD-AD8662 Datasheet
570Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
AD8662ARMZ AD-AD8662ARMZ Datasheet
184Kb / 5P
   16V Low Cost, High Performance CMOS Rail-to-Rail Operational Amplifiers
REV. PrA 10/5/2004
AD8662ARMZ AD-AD8662ARMZ Datasheet
570Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
AD8662ARMZ-REEL AD-AD8662ARMZ-REEL Datasheet
570Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
More results

유사한 설명 - AD8662

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_07 Datasheet
825Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. A
AD8663 AD-AD8663_08 Datasheet
1Mb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_16 Datasheet
657Kb / 15P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
logo
STMicroelectronics
TSX711 STMICROELECTRONICS-TSX711 Datasheet
1Mb / 31P
   Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
March 2017 Rev 5
logo
Analog Devices
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com