전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD627BR-REEL 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD627BR-REEL
상세설명  Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD627BR-REEL 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD627BR-REEL Datasheet HTML 2Page - Analog Devices AD627BR-REEL Datasheet HTML 3Page - Analog Devices AD627BR-REEL Datasheet HTML 4Page - Analog Devices AD627BR-REEL Datasheet HTML 5Page - Analog Devices AD627BR-REEL Datasheet HTML 6Page - Analog Devices AD627BR-REEL Datasheet HTML 7Page - Analog Devices AD627BR-REEL Datasheet HTML 8Page - Analog Devices AD627BR-REEL Datasheet HTML 9Page - Analog Devices AD627BR-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD627
Rev. D | Page 6 of 24
AD627A
AD627B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC RESPONSE
Small Signal −3 dB
Bandwidth
G = +5
80
80
kHz
G = +100
3
3
kHz
G = +1000
0.4
0.4
kHz
Slew Rate
+0.05/−0.06
+0.05/−0.06
V/μs
Settling Time to 0.01%
VS = ±5 V,
+5 V output step
G = +5
135
135
μs
G = +100
350
350
μs
Settling Time to 0.01%
VS = ±15 V,
+15 V output step
G = +5
330
330
μs
G = +100
560
560
μs
Overload Recovery
50% input overload
3
3
μs
1 Does not include effects of External Resistor RG.
2 See Table 8 for total RTI errors.
3 See the Using the AD627 section for more information on the input range, gain range, and common-mode range.
DUAL AND SINGLE SUPPLIES
Table 3.
AD627A
AD627B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
NOISE
Voltage Noise, 1 kHz
() (
)2
2
/ G
no
ni
R
e
e
Noise
RTI
Total
+
=
Input, Voltage Noise, eni
38
38
nV/√Hz
Output, Voltage Noise, eno
177
177
nV/√Hz
RTI, 0.1 Hz to 10 Hz
G = +5
1.2
1.2
μV p-p
G = +1000
0.56
0.56
μV p-p
Current Noise
f = 1 kHz
50
50
fA/√Hz
0.1 Hz to 10 Hz
1.0
1.0
pA p-p
REFERENCE INPUT
RIN
RG = ∞
125
125
Gain to Output
1
1
Voltage Range1
POWER SUPPLY
Operating Range
Dual supply
±1.1
±18
±1.1
±18
V
Single supply
2.2
36
2.2
36
V
Quiescent Current
60
85
60
85
μA
Over Temperature
200
200
nA/°C
TEMPERATURE RANGE
For Specified Performance
−40
+85
−40
+85
°C
1 See Using the AD627 section for more information on the reference terminal, input range, gain range, and common-mode range.


유사한 부품 번호 - AD627BR-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD627BR-REEL AD-AD627BR-REEL Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627BR-REEL AD-AD627BR-REEL Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627BR-REEL7 AD-AD627BR-REEL7 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627BR-REEL7 AD-AD627BR-REEL7 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
More results

유사한 설명 - AD627BR-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Analog Devices
AD623 AD-AD623_16 Datasheet
1Mb / 27P
   Single and Dual-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
   Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com