전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8620ARZ-REEL7 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD8620ARZ-REEL7
상세설명  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8620ARZ-REEL7 데이터시트(HTML) 5 Page - Analog Devices

  AD8620ARZ-REEL7 Datasheet HTML 1Page - Analog Devices AD8620ARZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8620ARZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8620ARZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8620ARZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8620ARZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8620ARZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8620ARZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8620ARZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8610/AD8620
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Supply Voltage
27.3 V
Input Voltage
VS− to VS+
Differential Input Voltage
± Supply Voltage
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
R, RM Packages
–65°C to +150°C
Operating Temperature Range
AD8610/AD8620
–40°C to +125°C
Junction Temperature Range
R, RM Packages
–65°C to +150°C
Lead Temperature Range (Soldering, 10 sec)
300°C
Rating
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 4. Thermal Resistance
Package Type
θJA1
θJC
Unit
8-Lead MSOP (RM)
190
44
°C/W
8-Lead SOIC (R)
158
43
°C/W
1 θJA is specified for worst-case conditions; that is, θJA is specified for a device
soldered in circuit board for surface-mount packages.
ESD CAUTION
Rev. E | Page 5 of 24


유사한 부품 번호 - AD8620ARZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8620AR AD-AD8620AR Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
AD8620AR-REEL AD-AD8620AR-REEL Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
AD8620AR-REEL7 AD-AD8620AR-REEL7 Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
More results

유사한 설명 - AD8620ARZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8620 AD-AD8620 Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8610 AD-AD8610 Datasheet
41Kb / 4P
   Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
REV. Pr0 9/27/01
AD8510 AD-AD8510 Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
   Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8512ARMZ AD-AD8512ARMZ Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com