전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8620ARZ-REEL7 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD8620ARZ-REEL7
상세설명  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8620ARZ-REEL7 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD8620ARZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8620ARZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8620ARZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8620ARZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8620ARZ-REEL7 Datasheet HTML 10Page - Analog Devices AD8620ARZ-REEL7 Datasheet HTML 11Page - Analog Devices AD8620ARZ-REEL7 Datasheet HTML 12Page - Analog Devices AD8620ARZ-REEL7 Datasheet HTML 13Page - Analog Devices AD8620ARZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8610/AD8620
100
GAIN = +10
GAIN = +100
GAIN = +1
VS = ±5V
VS = ±13V
VIN p-p = 1.8µV
TIME (1s/DIV)
90
80
70
60
50
40
30
20
10
0
0
10
100
10k
1k
+OS
–OS
VS = ±13V
RL = 2kΩ
VIN = 100mV p-p
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 27. 0.1 Hz to 10 Hz Input Voltage Noise
Figure 30. ZOUT vs. Frequency
VS = ±13V
1
10
100
10k
100k
1k
1M
3000
1000
0
25
125
85
2500
2000
100
1500
10
1000
500
1
0
FREQUENCY (Hz)
TEMPERATURE (°C)
Figure 28. Input Voltage Noise Density vs. Frequency
Figure 31. Input Bias Current vs. Temperature
100
40
10k
100k
1k
100M
10M
1M
GAIN = +10
GAIN = +100
GAIN = +1
VS = ±13V
90
35
80
30
25
20
15
10
70
60
50
40
30
20
10
0
5
0
FREQUENCY (Hz)
CAPACITANCE (pF)
Figure 29. ZOUT vs. Frequency
Figure 32. Small Signal Overshoot vs. Load Capacitance
Rev. E | Page 10 of 24


유사한 부품 번호 - AD8620ARZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8620AR AD-AD8620AR Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
AD8620AR-REEL AD-AD8620AR-REEL Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
AD8620AR-REEL7 AD-AD8620AR-REEL7 Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
More results

유사한 설명 - AD8620ARZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8620 AD-AD8620 Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8610 AD-AD8610 Datasheet
41Kb / 4P
   Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
REV. Pr0 9/27/01
AD8510 AD-AD8510 Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
   Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8512ARMZ AD-AD8512ARMZ Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com