전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8620BRZ-REEL 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8620BRZ-REEL
상세설명  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8620BRZ-REEL 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8620BRZ-REEL Datasheet HTML 4Page - Analog Devices AD8620BRZ-REEL Datasheet HTML 5Page - Analog Devices AD8620BRZ-REEL Datasheet HTML 6Page - Analog Devices AD8620BRZ-REEL Datasheet HTML 7Page - Analog Devices AD8620BRZ-REEL Datasheet HTML 8Page - Analog Devices AD8620BRZ-REEL Datasheet HTML 9Page - Analog Devices AD8620BRZ-REEL Datasheet HTML 10Page - Analog Devices AD8620BRZ-REEL Datasheet HTML 11Page - Analog Devices AD8620BRZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
120
100
80
60
40
20
0
AD8610/AD8620
12.05
60
12.00
25
85
–40
125
VS = ±13V
RL = 1kΩ
40
G = +100
G = +10
G = +1
VS = ±13V
RL = 2kΩ
CL = 20pF
11.95
11.90
20
0
11.85
–20
11.80
–40
1k
10k
100k
1M
10M
100M
TEMPERATURE (°C)
FREQUENCY (Hz)
Figure 15. Output Voltage High vs. Temperature at ±13 V
Figure 18. Closed-Loop Gain vs. Frequency
260
–11.80
–40
25
85
125
VS = ±13V
VO = ±10V
RL = 1kΩ
–11.85
25
85
–40
125
VS = ±13V
RL = 1kΩ
220
240
200
–11.90
180
160
140
–11.95
–12.00
120
100
–40
25
85
125
VS = ±5V
VO = ±3V
RL = 1kΩ
–12.05
TEMPERATURE (°C)
TEMPERATURE (°C)
Figure 16. Output Voltage Low vs. Temperature at ±13 V
Figure 19. AVO vs. Temperature at ±13 V
270
190
225
180
10
100
1
200
VS = ±13V
RL = 1kΩ
MARKER AT 27MHz
φM = 69.5
CL = 20pF
180
170
135
160
90
150
45
140
0
130
–20
–45
120
–40
–90
110
–60
–135
100
–80
–180
FREQUENCY (MHz)
TEMPERATURE (°C)
Figure 17. Open-Loop Gain and Phase vs. Frequency
Figure 20. AVO vs. Temperature at ±5 V
Rev. E | Page 8 of 24


유사한 부품 번호 - AD8620BRZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8620BR AD-AD8620BR Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
AD8620BR-REEL AD-AD8620BR-REEL Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
AD8620BR-REEL7 AD-AD8620BR-REEL7 Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
More results

유사한 설명 - AD8620BRZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8620 AD-AD8620 Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8610 AD-AD8610 Datasheet
41Kb / 4P
   Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
REV. Pr0 9/27/01
AD8510 AD-AD8510 Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
   Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8512ARMZ AD-AD8512ARMZ Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com