전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2700 데이터시트(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM2700
상세설명  600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2700 데이터시트(HTML) 1 Page - National Semiconductor (TI)

  LM2700_04 Datasheet HTML 1Page - National Semiconductor (TI) LM2700_04 Datasheet HTML 2Page - National Semiconductor (TI) LM2700_04 Datasheet HTML 3Page - National Semiconductor (TI) LM2700_04 Datasheet HTML 4Page - National Semiconductor (TI) LM2700_04 Datasheet HTML 5Page - National Semiconductor (TI) LM2700_04 Datasheet HTML 6Page - National Semiconductor (TI) LM2700_04 Datasheet HTML 7Page - National Semiconductor (TI) LM2700_04 Datasheet HTML 8Page - National Semiconductor (TI) LM2700_04 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM2700
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
General Description
The LM2700 is a step-up DC/DC converter with a 3.6A,
80m
Ω internal switch and pin selectable operating fre-
quency. With the ability to produce 500mA at 8V from a
single Lithium Ion battery, the LM2700 is an ideal part for
biasing LCD displays. The LM2700 can be operated at
switching frequencies of 600kHz and 1.25MHz allowing for
easy filtering and low noise. An external compensation pin
gives the user flexibility in setting frequency compensation,
which makes possible the use of small, low ESR ceramic
capacitors at the output. The LM2700 features continuous
switching at light loads and operates with a switching quies-
cent current of 2.0mA at 600kHz and 3.0mA at 1.25MHz. The
LM2700 is available in a low profile 14-lead TSSOP package
or a 14-lead LLP package.
Features
n
3.6A, 0.08
Ω, internal switch
n
Operating input voltage range of 2.2V to 12V
n
Input undervoltage protection
n
Adjustable output voltage up to 17.5V
n
600kHz/1.25MHz pin selectable frequency operation
n
Over temperature protection
n
Small 14-Lead TSSOP or LLP package
Applications
n
LCD Bias Supplies
n
Handheld Devices
n
Portable Applications
n
GSM/CDMA Phones
n
Digital Cameras
Typical Application Circuit
20012301
600 kHz Operation
May 2004
© 2004 National Semiconductor Corporation
DS200123
www.national.com


유사한 부품 번호 - LM2700_04

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2700LD-ADJ NSC-LM2700LD-ADJ Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700LD-ADJ/NOPB TI-LM2700LD-ADJ/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700LDX-ADJ NSC-LM2700LDX-ADJ Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700LDX-ADJ/NOPB TI-LM2700LDX-ADJ/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700MT-ADJ NSC-LM2700MT-ADJ Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results

유사한 설명 - LM2700_04

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI-LM2700_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM3224 NSC-LM3224 Datasheet
920Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM3224 TI1-LM3224 Datasheet
1Mb / 26P
[Old version datasheet]   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM3224 NSC-LM3224_05 Datasheet
917Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com