전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8016ARE-EVAL 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD8016ARE-EVAL
상세설명  Low Power, High Output Current xDSL Line Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8016ARE-EVAL 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD8016ARE-EVAL Datasheet HTML 3Page - Analog Devices AD8016ARE-EVAL Datasheet HTML 4Page - Analog Devices AD8016ARE-EVAL Datasheet HTML 5Page - Analog Devices AD8016ARE-EVAL Datasheet HTML 6Page - Analog Devices AD8016ARE-EVAL Datasheet HTML 7Page - Analog Devices AD8016ARE-EVAL Datasheet HTML 8Page - Analog Devices AD8016ARE-EVAL Datasheet HTML 9Page - Analog Devices AD8016ARE-EVAL Datasheet HTML 10Page - Analog Devices AD8016ARE-EVAL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. B
AD8016
–7–
(1,0)
(0,1)
PEAK OUTPUT CURRENT (mA)
–30
0
100
200
–80
–75
–70
–65
–60
–55
–50
–40
RF = 499
G = +5
(0,0)
–35
–45
300
400
500
600
PWDN1, PWDN0 = (1,1)
Figure 15. Distortion vs. Peak Output Current; Second
Harmonic, VS =
±6 V, RL = 5 Ω, f = 100 kHz, Single-Ended
(0,1)
DIFFERENTIAL OUTPUT (V p-p)
–30
05
10
–100
–90
–80
–70
–50
(0,0)
–40
–60
15
20
25
30
35
40
(1,0)
PWDN1, PWDN0 = (1,1)
Figure 16. Distortion vs. Output Voltage; Second
Harmonic, VS =
±12 V, G = +10, f = 1 MHz, RL = 50 Ω,
Differential
(1,0)
(0,1)
DIFFERENTIAL OUTPUT (V p-p)
–30
05
10
–90
–80
–70
–50
(0,0)
–40
–60
15
20
PWDN1, PWDN0 = (1,1)
Figure 17. Distortion vs. Output Voltage; Second
Harmonic, VS =
±6 V, G = +10, f = 1 MHz, RL = 50 Ω,
Differential
(1,0)
(0,1)
PEAK OUTPUT CURRENT (mA)
–30
0
100
200
–80
–75
–70
–65
–60
–55
–50
–40
(0,0)
–35
–45
300
400
500
600
PWDN1, PWDN0 = (1,1)
Figure 18. Distortion vs. Peak Output Current; Third
Harmonic, VS =
±6 V, G = +5, RL = 5 Ω, f = 100 kHz,
Single-Ended
(1,0)
(0,1)
DIFFERENTIAL OUTPUT (V p-p)
–30
05
10
–100
–90
–80
–70
–50
(0,0)
–40
–60
15
20
25
30
35
40
PWDN1, PWDN0 = (1,1)
Figure 19. Distortion vs. Output Voltage; Third
Harmonic, VS =
±12 V, G = +10, f = 1 MHz, RL = 50 Ω,
Differential
(1,0)
(0,1)
DIFFERENTIAL OUTPUT (V p-p)
–30
05
10
–90
–80
–70
–50
(0,0)
–40
–60
15
20
PWDN1, PWDN0 = (1,1)
Figure 20. Distortion vs. Output Voltage, Third Harmonic,
VS =
±6 V, G = +10, f = 1 MHz, RL = 50 Ω, Differential


유사한 부품 번호 - AD8016ARE-EVAL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8016ARE-EVAL AD-AD8016ARE-EVAL Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
More results

유사한 설명 - AD8016ARE-EVAL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8016 AD-AD8016_15 Datasheet
707Kb / 21P
   Low Power, High Output Current xDSL Line Driver
REV. C
AD8016 AD-AD8016 Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
logo
Maxim Integrated Produc...
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
   300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
   250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com