전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD712KRZ 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD712KRZ
상세설명  Dual Precision, Low Cost, High Speed BiFET Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD712KRZ 데이터시트(HTML) 5 Page - Analog Devices

  AD712KRZ Datasheet HTML 1Page - Analog Devices AD712KRZ Datasheet HTML 2Page - Analog Devices AD712KRZ Datasheet HTML 3Page - Analog Devices AD712KRZ Datasheet HTML 4Page - Analog Devices AD712KRZ Datasheet HTML 5Page - Analog Devices AD712KRZ Datasheet HTML 6Page - Analog Devices AD712KRZ Datasheet HTML 7Page - Analog Devices AD712KRZ Datasheet HTML 8Page - Analog Devices AD712KRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD712
Rev. G | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation1
Input Voltage2
±18 V
Output Short-Circuit Duration
Indefinite
Differential Input Voltage
+VS and −VS
Storage Temperature Range
Q-Suffix
−65°C to +150°C
N-Suffix and R-Suffix
−65°C to +125°C
Operating Temperature Range
AD712J/K
0°C to 70°C
AD712A
−40°C to +85°C
AD712S
−55°C to +125°C
Lead Temperature Range (Soldering 60 sec)
300°C
1 Thermal characteristics:
8-lead PDIP package:
θJA = 165°C/W
8-lead CERDIP package:
θJC = 22°C/W; θJA = 110°C/W
8-lead SOIC package:
θJA = 100°C/W
2 For supply voltages less than ±18 V, the absolute maximum voltage is equal
to the supply voltage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


유사한 부품 번호 - AD712KRZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD712KR AD-AD712KR Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD712KR-REEL AD-AD712KR-REEL Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD712KR-REEL7 AD-AD712KR-REEL7 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
More results

유사한 설명 - AD712KRZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD712 AD-AD712 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD712 AD-AD712_15 Datasheet
387Kb / 20P
   Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD642 AD-AD642_15 Datasheet
399Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com