전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8004 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD8004
상세설명  Quad 3000 V/?? 35 mW Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8004 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD8004 Datasheet HTML 2Page - Analog Devices AD8004 Datasheet HTML 3Page - Analog Devices AD8004 Datasheet HTML 4Page - Analog Devices AD8004 Datasheet HTML 5Page - Analog Devices AD8004 Datasheet HTML 6Page - Analog Devices AD8004 Datasheet HTML 7Page - Analog Devices AD8004 Datasheet HTML 8Page - Analog Devices AD8004 Datasheet HTML 9Page - Analog Devices AD8004 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. C
AD8004
–6–
FREQUENCY – MHz
9
–6
–21
1
500
10
40
100
–3
0
3
6
–9
–12
–15
–18
1V rms
G = +2
VS = 5V
RF = 604
TPC 7. Large Signal Frequency Response; VS =
±5.0 V,
G = +2, RF = 604
FREQUENCY – MHz
–50
–100
120
10
–40
–60
–70
–80
–90
G = +2
VO = 2V p-p
RF = 698
2ND
RL = 150
3RD
RL = 150
2ND
RL = 1k
3RD
RL = 1k
TPC 8. Distortion vs. Frequency; VS =
±5 V
FREQUENCY – MHz
1
–4
–9
1
500
10
40
100
–3
–2
–1
0
–5
–6
–7
–8
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
G = +2
VIN = 50mV rms
RL = 100
RF = 1.10k
R PACKAGE
5VS
+5VS
+5VS
5VS
TPC 9. Frequency Response and Flatness, G = +2
FREQUENCY – MHz
3
–12
–27
1
500
10
40
100
–9
–6
–3
0
–15
–18
–21
–24
1V rms
G = +2
VS = +5V
RF = 604
TPC 10. Large Signal Frequency Response; VS = +5.0 V,
G = +2, RF = 604
FREQUENCY – MHz
–40
–70
–100
120
10
–60
–50
–80
–90
G = +2
VO = 2V p-p
RF = 698
2ND
RL = 150
3RD
RL = 150
2ND
RL = 1k
3RD
RL = 1k
TPC 11. Distortion vs. Frequency; VS = +5 V
604
604
50
VOUT
154
154
57.6
VIN
FREQUENCY – MHz
–10
–35
–60
0.1
500
110
100
–30
–25
–20
–15
–40
–45
–50
–55
+5VS
5VS
+5VS
5VS
0.03
TPC 12. CMRR vs. Frequency; VS =
±5 V or +5 V,
VIN = 200 mV rms, Other Sides Are Equal, RTO


유사한 부품 번호 - AD8004

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8004 AD-AD8004 Datasheet
271Kb / 16P
   Quad 3000 V/us, 35 mW Current Feedback Amplifier
REV. B
AD8004 AD-AD8004 Datasheet
449Kb / 17P
   Current Feedback Amplifier
AD8004AN AD-AD8004AN Datasheet
271Kb / 16P
   Quad 3000 V/us, 35 mW Current Feedback Amplifier
REV. B
AD8004AN AD-AD8004AN Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004AN AD-AD8004AN Datasheet
648Kb / 17P
   Quad 3000 V/mu s, 35 mW Current Feedback Amplifier
REV. C
More results

유사한 설명 - AD8004

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8004 AD-AD8004_15 Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004 AD-AD8004 Datasheet
271Kb / 16P
   Quad 3000 V/us, 35 mW Current Feedback Amplifier
REV. B
AD8004AR AD-AD8004AR Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004ANZ AD-AD8004ANZ Datasheet
648Kb / 17P
   Quad 3000 V/mu s, 35 mW Current Feedback Amplifier
REV. C
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ARZ AD-AD8001ARZ Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com