전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8604ARU-REEL 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD8604ARU-REEL
상세설명  Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8604ARU-REEL 데이터시트(HTML) 4 Page - Analog Devices

  AD8604ARU-REEL Datasheet HTML 1Page - Analog Devices AD8604ARU-REEL Datasheet HTML 2Page - Analog Devices AD8604ARU-REEL Datasheet HTML 3Page - Analog Devices AD8604ARU-REEL Datasheet HTML 4Page - Analog Devices AD8604ARU-REEL Datasheet HTML 5Page - Analog Devices AD8604ARU-REEL Datasheet HTML 6Page - Analog Devices AD8604ARU-REEL Datasheet HTML 7Page - Analog Devices AD8604ARU-REEL Datasheet HTML 8Page - Analog Devices AD8604ARU-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. D
–4–
AD8601/AD8602/AD8604
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND to VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . .
±6 V
Storage Temperature Range
R, RM, RT, RU Packages . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
AD8601/AD8602/AD8604 . . . . . . . . . . . . –40
°C to +125°C
Junction Temperature Range
R, RM, RT, RU Packages . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
°C
ESD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 kV HBM
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
Branding
AD8601ART-R2
–40
°C to +125°C
5-Lead SOT-23
RT-5
AAA
AD8601ART-REEL
–40
°C to +125°C
5-Lead SOT-23
RT-5
AAA
AD8601ART-REEL7
–40
°C to +125°C
5-Lead SOT-23
RT-5
AAA
AD8601DRT-R2
–40
°C to +125°C
5-Lead SOT-23
RT-5
AAD
AD8601DRT-REEL
–40
°C to +125°C
5-Lead SOT-23
RT-5
AAD
AD8601DRT-REEL7
–40
°C to +125°C
5-Lead SOT-23
RT-5
AAD
AD8602AR
–40
°C to +125°C
8-Lead SOIC
R-8
AD8602AR-REEL7
–40
°C to +125°C
8-Lead SOIC
R-8
AD8602AR-R2
–40
°C to +125°C
8-Lead SOIC
R-8
AD8602DR
–40
°C to +125°C
8-Lead SOIC
R-8
AD8602DR-REEL
–40
°C to +125°C
8-Lead SOIC
R-8
AD8602DR-REEL7
–40
°C to +125°C
8-Lead SOIC
R-8
AD8602ARM-R2
–40
°C to +125°C
8-Lead MSOP
RM-8
ABA
AD8602ARM-REEL
–40
°C to +125°C
8-Lead MSOP
RM-8
ABA
AD8602DRM-REEL
–40
°C to +125°C
8-Lead MSOP
RM-8
ABD
AD8604AR
–40
°C to +125°C
14-Lead SOIC
R-14
AD8604AR-REEL
–40
°C to +125°C
14-Lead SOIC
R-14
AD8604AR-REEL7
–40
°C to +125°C
14-Lead SOIC
R-14
AD8604DR
–40
°C to +125°C
14-Lead SOIC
R-14
AD8604DR-REEL
–40
°C to +125°C
14-Lead SOIC
R-14
AD8604ARU
–40
°C to +125°C
14-Lead TSSOP
RU-14
AD8604ARU-REEL
–40
°C to +125°C
14-Lead TSSOP
RU-14
AD8604DRU
–40
°C to +125°C
14-Lead TSSOP
RU-14
AD8604DRU-REEL
–40
°C to +125°C
14-Lead TSSOP
RU-14
Package Type
JA*
JC
Unit
5-Lead SOT-23 (RT)
230
92
°C/W
8-Lead SOIC (R)
158
43
°C/W
8-Lead MSOP (RM)
210
45
°C/W
14-Lead SOIC (R)
120
36
°C/W
14-Lead TSSOP (RU)
180
35
°C/W
* JA is specified for worst-case conditions, i.e., JA is specified for device in
socket for PDIP packages; JA is specified for device soldered onto a circuit
board for surface-mount packages.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD8601/AD8602/AD8604 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.


유사한 부품 번호 - AD8604ARU-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8604ARUZ AD-AD8604ARUZ Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8604ARUZ AD-AD8604ARUZ Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8604ARUZ-REEL AD-AD8604ARUZ-REEL Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8604ARUZ-REEL AD-AD8604ARUZ-REEL Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
More results

유사한 설명 - AD8604ARU-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8602ARZ AD-AD8602ARZ Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601_11 Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601 Datasheet
255Kb / 16P
   Precision CMOS Single Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. 0
AD8602AR-REEL7 AD-AD8602AR-REEL7 Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
OP250 AD-OP250 Datasheet
209Kb / 16P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8591 AD-AD8591 Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com