전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS34B 데이터시트(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

부품명 SS34B
상세설명  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS34B 데이터시트(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SS34B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS34B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Ratings at 25
oC ambient temperature unless otherwise specified
SS32B SS33B SS34B SS35B SS36B SS38B SS39B SS
310B
Maximum repetitive peak reverse voltage
VRRM
40
50
60
80
90
100
V
Maximum RMS voltage
VRWS
28
35
4
2
56
63
70
V
Maximum DC blocking voltage
VDC
40
50
60
80
90
100
V
Maximum average forward rectified current at
TL=90
IF(AV)
A
Peak forward surge current 8.3ms single half-
sine-wave
IFSM
A
Maximum instantaneous forward voltage
at IFM=3.0A (NOTE1)
VF
V
Maximum DC reverse current
TJ=25
at rated DC blocking voltage
TJ=125
Operating temperature range
TJ
oC
Storage temperature range
TSTG
oC
Document Number 0281011
1.
UNITS
- 55 ---- +150
IR
NOTE: 1.Pulse test: Pulse width 300us,duty cycle 1 %
Maximum thermal resistance
oC/W
- 55 ---- +125
14
REVERSE VOLTAGE:
20 - 100 V
FORWARD CURRENT:
3.0 A
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
Low forward voltage
Schottky barrier rectifier
Guardring protection
20
21
0.50
0.5
20
10
m A
R JL
17.0
30
0.70
3.0
0.85
100.0
20
30
Case: SMB molded plastic body
1111
Polarity: Color band denotes cathode end
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Mounting position: ANY
SMB
Weight: 0.003 ounces, 0.093 gram
MECHANICAL DATA
Reverse energy tested
High current capability
Extremely low thermal resistance
GALAXY ELECTRICAL
SS32B---SS310B
BL
inch(mm)
www.galaxycn.com
BL
GALAXY ELECTRICAL


유사한 부품 번호 - SS34B

제조업체부품명데이터시트상세설명
logo
TAITRON Components Inco...
SS34B TAITRON-SS34B Datasheet
182Kb / 3P
   3.0A Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS34B YANGJIE-SS34B Datasheet
219Kb / 2P
   Schottky Rectifier
logo
Shenzhen Ping Sheng Ele...
SS34B PFS-SS34B Datasheet
155Kb / 2P
   RATING AND CHARACTERTIC CURVES
logo
Galaxy Semi-Conductor H...
SS34B BILIN-SS34B Datasheet
599Kb / 4P
   Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SS34B YANGJIE-SS34B Datasheet
173Kb / 2P
   Schottky Rectifier
More results

유사한 설명 - SS34B

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com