전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6275 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 L6275
상세설명  5V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6275 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button L6275 Datasheet HTML 3Page - STMicroelectronics L6275 Datasheet HTML 4Page - STMicroelectronics L6275 Datasheet HTML 5Page - STMicroelectronics L6275 Datasheet HTML 6Page - STMicroelectronics L6275 Datasheet HTML 7Page - STMicroelectronics L6275 Datasheet HTML 8Page - STMicroelectronics L6275 Datasheet HTML 9Page - STMicroelectronics L6275 Datasheet HTML 10Page - STMicroelectronics L6275 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
CURRENT SENSE AMPLIFIER
IBIAS
Input Bias Current
2
µA
Av
Voltage Gain
3.8
4.0
4.2
V/V
dVo/dt
Output Slew Rate
20
V/
µs
SERIAL PORT
Symbol
Parameter
Min.
Typ.
Max.
Unit
TSCK
SCLK Period
40
ns
TCKL
SCLK low time
15
ns
TCKH
SCLK high time
15
ns
TSDENS
Enable to SCLK
35
ns
TSDENH
SCLK to disable
20
ns
TDS
Data set-up time before rising edge SCLK
10
ns
TDH
Data Hold Time
10
ns
TSDENL
Minimum SDEN Low Time
50
ns
TSDV
SCLK falling edge (A6) to SDATA valid on READ op.
3
10
ns
TSDV
SCLK rising edge (D0-D7) to SDATA Transition on READ op.
5
35
ns
ELECTRICAL CHARACTERISTICS (Continued)
0A0
A1
1st Byte
2nd Byte
A6
D0
D1
D2
D7
SDEN
SCLK
SDATA
SERIAL PORT WRITE TIMING
SERIAL PORT READ TIMING
1A0
A1
1st Byte
2nd Byte
D98IN844
A6
D0
D1
D2
D7
SDEN
SCLK
SDATA
Figure 1. Serial Port Timing Information.
L6275
7/17


유사한 부품 번호 - L6275

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6270 STMICROELECTRONICS-L6270 Datasheet
72Kb / 10P
   MILLI-ACTUATOR DRIVER
L6271 STMICROELECTRONICS-L6271 Datasheet
72Kb / 10P
   MILLI-ACTUATOR DRIVER
logo
DAICO Industries, Inc.
L6278 DAICO-L6278 Datasheet
49Kb / 1P
   Broadband LNA
L6278AC DAICO-L6278AC Datasheet
49Kb / 1P
   Broadband LNA
More results

유사한 설명 - L6275

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6254 STMICROELECTRONICS-L6254 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
April 1999
L6268 STMICROELECTRONICS-L6268 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L6269 STMICROELECTRONICS-L6269 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L7200 STMICROELECTRONICS-L7200 Datasheet
262Kb / 23P
   MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
logo
NXP Semiconductors
OM5193H PHILIPS-OM5193H Datasheet
246Kb / 56P
   Disk drive spindle and VCM with servo controller
1998 Nov 02
logo
STMicroelectronics
L6260 STMICROELECTRONICS-L6260 Datasheet
305Kb / 30P
   4.5 ??5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
November 1996
L7207 STMICROELECTRONICS-L7207 Datasheet
58Kb / 3P
   Dual mode disk drive spindle and VCM motor driver
L7250 STMICROELECTRONICS-L7250 Datasheet
478Kb / 46P
   5V & 12V SPINDLE AND VCM MOTORS DRIVER
logo
Fairchild Semiconductor
FAN8422G FAIRCHILD-FAN8422G Datasheet
358Kb / 10P
   Floppy Disk Drive Spindle Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com