전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U1ZB13 데이터시트(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

부품명 U1ZB13
상세설명  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

U1ZB13 데이터시트(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  U1ZB13 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited U1ZB13 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited U1ZB13 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (TA=25℃)
Zener
Impedance
rd(Ω)
Measurement
Current
Iz
VF(V)
Measurement
Current
IF
IR(µA)
Measurement
Voltage
VR
Min. Typ. Max.
Max.
mA
Typ.
Max.
Max.
A
Max.
V
U1ZB6.8
ZB6.8
6.2
6.8
7.4
60
10
3.0
4.0
1.2
0.2
10
3.0
U1ZB7.5
ZB7.5
6.8
7.5
8.3
30
10
4.0
5.0
1.2
0.2
10
4.5
U1ZB8.2
ZB8.2
7.4
8.2
9.1
30
10
4.0
6.0
1.2
0.2
10
4.9
U1ZB9.1
ZB9.1
8.2
9.1
10.1
30
10
5.0
8.0
1.2
0.2
10
5.5
U1ZB10
ZB10
9.0
10
11.0
30
10
6.0
9.0
1.2
0.2
10
6.0
U1ZB11
ZB11
9.9
11
12.1
30
10
7.0
11
1.2
0.2
10
7.0
U1ZB12
ZB12
10.8
12
13.2
30
10
8.0
13
1.2
0.2
10
8.0
U1ZB13
ZB13
11.7
13
14.3
30
10
9.0
14
1.2
0.2
10
9.0
U1ZB15
ZB15
13.5
15
16.5
30
10
11
17
1.2
0.2
10
10
U1ZB16
ZB16
14.4
16
17.6
30
10
12
19
1.2
0.2
10
11
U1ZB18
ZB18
16.2
18
19.8
30
10
14
23
1.2
0.2
10
13
U1ZB20
ZB20
18.0
20
22.0
30
10
16
26
1.2
0.2
10
14
U1ZB22
ZB22
19.8
22
24.2
30
10
18
28
1.2
0.2
10
16
U1ZB24
ZB24
21.6
24
26.4
30
10
20
32
1.2
0.2
10
17
U1ZB27
ZB27
24.3
27
29.7
30
10
23
36
1.2
0.2
10
19
U1ZB30
ZB30
27.0
30
33.0
30
10
25
40
1.2
0.2
10
21
U1ZB33
ZB33
29.7
33
36.3
30
10
26
41
1.2
0.2
10
26.4
U1ZB36
ZB36
32.4
36
39.6
30
9.0
28
45
1.2
0.2
10
28.8
U1ZB43
ZB43
38.7
43
47.3
40
7.0
33
53
1.2
0.2
10
34.4
U1ZB47
ZB47
42.3
47
51.7
65
6.0
38
60
1.2
0.2
10
37.6
U1ZB51
ZB51
45.9
51
56.1
65
6.0
43
68
1.2
0.2
10
40.8
U1ZB68
ZB68
61.2
68
74.8
120
4.0
57
90
1.2
0.2
10
54.4
U1ZB75
ZB75
67.5
75
82.5
150
4.0
66
104
1.2
0.2
10
60.0
U1ZB82
ZB82
73.8
82
90.2
170
3.0
71
113
1.2
0.2
10
65.4
U1ZB100
100
90
100
110
300
3.0
87
138
1.2
0.2
10
80
U1ZB110
110
99
110
121
300
3.0
96
152
1.2
0.2
10
88
U1ZB150
150
135
150
165
450
2.0
136
212
1.2
0.2
10
120
U1ZB180
180
162
180
198
500
1.5
161
255
1.2
0.2
10
144
U1ZB200
200
180
200
220
170
269
160
U1ZB200-Y
200Y
190
200
210
170
269
160
U1ZB200-Z
200Z
200
210
220
178
286
168
U1ZB220
220
198
220
242
200
309
176
U1ZB220-Y
220Y
210
220
230
200
309
176
U1ZB220-Z
220Z
220
230
240
207
320
184
U1ZB240
240
216
240
264
215
325
192
U1ZB240-Y
240Y
230
240
250
215
325
216
U1ZB240-Z
240Z
240
250
260
225
338
225
U1ZB270
270
243
270
297
243
385
216
U1ZB270-X
270X
250
260
270
221
350
234
U1ZB270-Y
270Y
260
270
280
228
362
243
U1ZB270-Z
270Z
270
280
290
236
374
252
U1ZB300
300
270
300
330
270
428
240
U1ZB300-X
300X
280
290
300
244
388
261
U1ZB300-Y
300Y
290
300
310
253
402
270
U1ZB300-Z
300Z
300
310
320
261
415
279
U1ZB330
330
297
330
363
296
470
264
U1ZB330-X
330X
310
320
330
270
428
288
U1ZB330-Y
330Y
320
330
340
278
441
297
U1ZB330-Z
330Z
330
340
350
287
455
306
U1ZB390
390
351
390
429
10000
0.5
350
555
1.2
0.2
10
312
www.galaxycn.com
0.2
10
5000
0.5
1.2
0.2
10
Device
Marking
Code
5000
0.5
1.2
Reverse Current
1.2
1.2
10
0.2
10
0.2
0.5
500
5000
Type
Forward Voltage
Nominal Zener Voltage
Zener Voltage
Vz(V)
Temperature
Coefficient of
Zener Voltage
αT(mV/℃)
1.5
10
0.2
0.2
1.2
10
1.2
5000
5000
0.5
0.5
Document Number 0284025
2.
BLGALAXYELECTRICAL


유사한 부품 번호 - U1ZB13

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
U1ZB13 TOSHIBA-U1ZB13 Datasheet
132Kb / 5P
   CONSTANT VOLTAGE REGULATION TRANSIENT SUPPRESSORS
logo
Galaxy Semi-Conductor H...
U1ZB13 BILIN-U1ZB13 Datasheet
199Kb / 5P
   Surface mount zener diode
More results

유사한 설명 - U1ZB13

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com