전자부품 데이터시트 검색엔진 |
|
SMAJ22 데이터시트(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited |
|
SMAJ22 데이터시트(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited |
4 / 4 page 1100 10 TJ=TJ max. 8.3msSINGLEHALFSINE-MAVE (JEDECMETHOD) 0 40 30 50 10 1000 100 10 1 0.001 0.1 0.01 1000 110 100 10,000 100 1,000 10 1.0 10 100 Bi-Directional 200 Uni-Directional TJ=25 f=1.0MHZ Vsig=50mVp-p MEASURED at STAND-OFF VOLTAGE, VWM 150 50 100 0 01.0 2.0 tr=10 sec 3.0 4.0 PEAK VALUE IPPM HALF VALUE - IPP 2 PULES WIDTH (td) is DEFINDE as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPPM td 10/1000 µ s WAVEFORM as DEFINED by R.E.A. FIG.1 -- PEAK PULSE POWER RATING CURVE FIG.5 -- TYPICAL TRANSIENT THERMAL IMPEDANCE T A, AMBIENT TEMPERATURE. RATINGS AND CHARACTERISTIC CURVES SMAJ5.0---SMAJ188CA FIG.2 -- PULSE DERATING CURVE td, PULSEWIDTH, SEC. FIG.4 -- TYPICAL JUNCTION CAPACITANCE H HHHHHHH UNIDIRECTIONAL V(BR), BREAKDOWN VOLTAGE, V FIG.3 -- PULSE WAVEFORM t, TIME, ms TL, LEAD TEMPERATURE, NUMBER OF CYCLES AT 60 Hz FIG.6 -- MAXIMUM NON-REPETITIVE FORWARD HHHH H SURGE CURRENT UNIDIRECTIONAL ONLY BLGALAXYELECTRICAL Document Number 0285005 4. 100 1.0 10 0.1 0.1μs1.0μs 10μs 100μs 1ms 10ms NON-REPETITIVE PULSE WAVEFORM SHOWN if FIG.3 TA=25 100 75 25 50 0 025 75 50 125 100 150 200 175 www.galaxycn.com |
유사한 부품 번호 - SMAJ22 |
|
유사한 설명 - SMAJ22 |