전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28146 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL28146
상세설명  5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28146 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL28146 Datasheet HTML 3Page - Intersil Corporation ISL28146 Datasheet HTML 4Page - Intersil Corporation ISL28146 Datasheet HTML 5Page - Intersil Corporation ISL28146 Datasheet HTML 6Page - Intersil Corporation ISL28146 Datasheet HTML 7Page - Intersil Corporation ISL28146 Datasheet HTML 8Page - Intersil Corporation ISL28146 Datasheet HTML 9Page - Intersil Corporation ISL28146 Datasheet HTML 10Page - Intersil Corporation ISL28146 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN6321.2
February 11, 2008
FIGURE 19. INPUT OFFSET CURRENT vs COMMON-MODE INPUT VOLTAGE
FIGURE 20. SUPPLY CURRENT ENABLED vs
TEMPERATURE, V+, V- = ±2.5V
FIGURE 21. SUPPLY CURRENT DISABLED vs
TEMPERATURE, V+, V- = ±2.5V
FIGURE 22. VOS (SOT PKG) vs TEMPERATURE, V+, V- = ±2.5V
FIGURE 23. VOS (SOT PKG) vs TEMPERATURE, V+, V- = ±1.2V
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open (Continued)
-100
-80
-60
-40
-20
0
20
40
60
80
100
-1
0
1234
56
VCM (V)
V+ = 5V
RL = OPEN
AV = +1000
Rf = 100k, Rg = 100
600
700
800
900
1000
1100
1200
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
MIN
MEDIAN
MAX
N = 1150
4
5
6
7
8
9
10
11
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MIN
MEDIAN
MAX
N = 1150
-850
-650
-450
-250
-50
150
350
550
750
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MIN
MEDIAN
MAX
N = 1150
-650
-450
-250
-50
150
350
550
750
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MIN
MAX
N = 1150
MEDIAN
ISL28146, ISL28246


유사한 부품 번호 - ISL28146

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28146 INTERSIL-ISL28146 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146EVAL1Z INTERSIL-ISL28146EVAL1Z Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146FHZ-T7 INTERSIL-ISL28146FHZ-T7 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146FHZ-T7A INTERSIL-ISL28146FHZ-T7A Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
More results

유사한 설명 - ISL28146

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28236 RENESAS-ISL28236 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
ISL28136 INTERSIL-ISL28136 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28194 INTERSIL-ISL28194_08 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com