전자부품 데이터시트 검색엔진 |
|
BZW04-110 데이터시트(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited |
|
BZW04-110 데이터시트(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited |
4 / 4 page 10 0.1 1 0.01 0 100 500 TA=25℃ 100 200 300 400 MEASURED ATDEVICES STAND-OFF VOLTAGE, VWM 100.000 1000 10.000 10 1.0 10 100 MEASURED at STAND-OFF VOLTAGE, VWM 200 TJ=25 f=1.0MHZ Vsig=50mVp-p MEASURED at ZEROBIAS 150 50 100 0 01.0 2.0 tr=10¦ Μ sec 3.0 4.0 PEAK VALUE IPPM HALF VALUE - IPPM 2 PULES WIDTH (td) is DEFINDE as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPPM 10/1000¦ Μ sec. WAVEFORM as DEFINDE by R.E.A. td FIG.7 -- TYPICAL REVERSE LEAKAGE JJJJJJJJJJJJJJJJJJCHARACTERISTICS FIG.6 -- MAXIMUN NON-REPETITIVE FORWARD HHHH H SURGE CURRENT UNIDIRECTIONAL ONLY FIG.5 -- STEADY STATE POWER DERATING CURVE t, TIME, ms V(BR), BREAKDOWNVOLTAGE, V NUMBEROFCYCLES AT60 Hz V(BR), BREAKDOWNVOLTAGE, V tol, PULSEWIDTH, SEC. FIG.3 -- PULSEWAVEFORM FIG.4 -- TYPICAL JUNCTION CAPACITANCE H HHHHHHHH HUNIDIRECTIONAL TA, AMBIENT TEMPERATURE. FIG.1 -- PEAK PULSE POWER RATING CURVE RATINGSANDCHARACTERISTIC CURVES BZW04P-5V8---BZW04-376 TL, LEADTEMPERATURE, FIG.2 -- PULSE DERATING CURVE BLGALAXY ELECTRICAL www.galaxycn.com Document Number 0285007 4. 100 1.0 10 0.1 0.1μs1.0μs10μs 100μs 0.1ms 10ms NON-REPETITIVE PULSE WAVEFORM SHOWN if FIG.3 TA=25 100 75 25 50 0 025 75 50 125 100 150 200 175 1.00 0.75 0.25 0.50 0 025 75 50 200 100 125 150 175 L=0.375"(9.5mm) LEAD LENGTHS 1.6 x 1.6 x .040" (40 x 40 x 1mm.) COPPER HEAT SINKS 60 HZ RESISTIVEOR INDUCTIVE LOAD 50 40 30 10 20 0 1100 10 TJ=TJ max. 8.3ms SINGLE HALF SINE-MAVE (JEDEC METHOD) |
유사한 부품 번호 - BZW04-110 |
|
유사한 설명 - BZW04-110 |