전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28166 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL28166
상세설명  39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28166 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL28166_08 Datasheet HTML 4Page - Intersil Corporation ISL28166_08 Datasheet HTML 5Page - Intersil Corporation ISL28166_08 Datasheet HTML 6Page - Intersil Corporation ISL28166_08 Datasheet HTML 7Page - Intersil Corporation ISL28166_08 Datasheet HTML 8Page - Intersil Corporation ISL28166_08 Datasheet HTML 9Page - Intersil Corporation ISL28166_08 Datasheet HTML 10Page - Intersil Corporation ISL28166_08 Datasheet HTML 11Page - Intersil Corporation ISL28166_08 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN6155.3
March 20, 2008
FIGURE 29. CMRR vs TEMPERATURE V+ = ±2.5V, ±1.5V
FIGURE 30. PSRR vs TEMPERATURE ±1.2V TO ±2.5V
FIGURE 31. VOUT HIGH vs TEMP VS = ±2.5V, RL = 1k
FIGURE 32. VOUT HIGH VS = ±2.5V, RL = 100k
FIGURE 33. VOUT LOW VS = ±2.5V, RL = 1k
FIGURE 34. VOUT LOW VS = ±2.5V, RL = 100k
Typical Performance Curves (Continued)
90
95
100
105
110
115
120
125
130
135
-40
-20
0
20
40
60
80
100
120
n = 1000
MEDIAN
MAX
MIN
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 1000
MIN
MAX
85
90
95
100
105
110
115
120
125
130
MEDIAN
4.850
4.855
4.860
4.865
4.870
4.875
4.880
4.885
4.890
4.895
4.900
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 1000
MEDIAN
MIN
MAX
4.9968
4.9970
4.9972
4.9974
4.9976
4.9978
4.9980
4.9982
4.9984
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 1000
MEDIAN
MIN
MAX
4.9968
4.9970
4.9972
4.9974
4.9976
4.9978
4.9980
4.9982
4.9984
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 1000
MAX
MIN
MEDIAN
2.5
3.0
3.5
4.0
4.5
5.0
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°
C)
n = 1000
MIN
MAX
MEDIAN
ISL28166, ISL28266


유사한 부품 번호 - ISL28166_08

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
More results

유사한 설명 - ISL28166_08

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28168 INTERSIL-ISL28168 Datasheet
851Kb / 16P
   34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28166 RENESAS-ISL28166 Datasheet
965Kb / 11P
   39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
January 16, 2014
logo
Intersil Corporation
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com