전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

40N60SCD1 데이터시트(PDF) 1 Page - IXYS Corporation

부품명 40N60SCD1
상세설명  CoolMOS Power MOSFET with Series Schottky Diode and Ultra Fast Antiparallel Diode in High Voltage ISOPLUS i4-PACTM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

40N60SCD1 데이터시트(HTML) 1 Page - IXYS Corporation

  40N60SCD1_03 Datasheet HTML 1Page - IXYS Corporation 40N60SCD1_03 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2003 IXYS All rights reserved
1 - 2
IXKF 40N60SCD1
CoolMOS Power MOSFET
with Series Schottky Diode and
Ultra Fast Antiparallel Diode
in High Voltage ISOPLUS i4-PACTM
Features
• fast CoolMOS power MOSFET- 3rd generation
- High blocking voltage
- Low on resistance
- Low thermal resistance due to reduced
chip thickness
• Series Schottky diode prevents current
flow through MOSFET’s body diode
- very low forward voltage
- fast switching
• Ultra fast HiPerFREDTM anti parallel diode
- low operating forward voltage
- fast and soft reverse recovery - low switching
losses
• ISOPLUS i4-PACTM high voltage package
- isolated back surface
- low coupling capacity between pins and
heatsink
- enlarged creepage towards heatsink
- enlarged creepage between high voltage pins
- application friendly pinout
- high reliability
- industry standard outline
- UL registered E 72873
Applications
Converters with
• circuit operation leading to current flow
through switches in reverse direction - e. g.
- phaseleg with inductive load
- resonant circuits
• high switching frequency
Examples
• switched mode power supplies (SMPS)
• uninterruptable power supplies (UPS)
• DC-DC converters
• welding converters
• converters for inductive heating
• drive converters
CoolMOS is a trademark of
Infineon Technologies AG.
IXYS reserves the right to change limits, test conditions and dimensions.
I
D25
= 38 A
V
DSS
= 600 V
R
DSon = 60 m
t
rr
= 70 ns
MOSFET T
Symbol
Conditions
Maximum Ratings
V
DSS
T
VJ = 25°C to 150°C
600
V
V
GS
±20
V
I
D25
T
C = 25°C
38
A
I
D90
T
C = 90°C
25
A
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
R
DSon
V
GS = 10 V; ID = ID90
60
70 m
V
GSth
V
DS = 20 V; ID = 3 mA;
2.1
3.9
V
I
DSS
V
DS = VDSS; VGS = 0 V; TVJ =
25°C
0.3 mA
T
VJ = 125°C
0.5
mA
I
GSS
V
GS = ±20 V; VDS = 0 V
100
nA
Q
g
250
nC
Q
gs
25
nC
Q
gd
120
nC
t
d(on)
20
ns
t
r
30
ns
t
d(off)
110
ns
t
f
10
ns
R
thJC
0.45 K/W
R
thJH
with heat transfer paste
0.9
K/W
V
GS= 10 V; VDS = 350 V; ID = 50 A
V
GS= 10 V; VDS = 380 V;
I
D = 50 A; RG = 1.8 Ω
Preliminary data
E 72873


유사한 부품 번호 - 40N60SCD1_03

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
40N60 IXYS-40N60 Datasheet
91Kb / 6P
   Low VCE(sat) IGBT, High Speed IGBT
logo
Fairchild Semiconductor
40N60A4D FAIRCHILD-40N60A4D Datasheet
152Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
ON Semiconductor
40N60FL ONSEMI-40N60FL Datasheet
247Kb / 9P
   IGBT
July, 2013 ??Rev. 0
More results

유사한 설명 - 40N60SCD1_03

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXKF40N60SCD1 IXYS-IXKF40N60SCD1 Datasheet
34Kb / 2P
   CoolMOS Power MOSFET with Series Schottky Diode and Ultra Fast Antiparallel Diode in High Voltage ISOPLUS i4-PAC
IXFF24N100 IXYS-IXFF24N100 Datasheet
72Kb / 2P
   HiPerFETTM Power Mosfet in High Voltage ISOPLUS I4-PACTM
L468 IXYS-L468 Datasheet
45Kb / 2P
   Dual HiPerFREDTM Epitaxial Diode in ISOPLUS i4-PACTM
FID35-06C IXYS-FID35-06C Datasheet
48Kb / 2P
   Fast IGBT Chopper in ISOPLUS i4-PACTM
FII30-12D IXYS-FII30-12D Datasheet
47Kb / 2P
   Fast IGBT Chopper in ISOPLUS i4-PACTM
FMM75-01F IXYS-FMM75-01F Datasheet
46Kb / 2P
   HiPerFETTM Power MOSFET Phaseleg Topology in ISOPLUS i4-PACTM
FID36-06D IXYS-FID36-06D Datasheet
47Kb / 2P
   IGBT Chopper in ISOPLUS i4-PACTM
FUE30-12N1 IXYS-FUE30-12N1 Datasheet
66Kb / 3P
   Fast Three Phase Rectifier Bridge in ISOPLUS i4-PACTM
FUS45-0045B IXYS-FUS45-0045B Datasheet
36Kb / 1P
   Schottky Three Phase Rectifier Bridge in ISOPLUS i4-PACTM
FUO22-12N IXYS-FUO22-12N Datasheet
32Kb / 2P
   Three Phase Rectifier Bridge in ISOPLUS i4-PACTM
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com