전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3-1393272-2 데이터시트(PDF) 5 Page - Tyco Electronics

부품명 3-1393272-2
상세설명  PCB relays Single relays Mini power relay K (open and sealed)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1393272-2 데이터시트(HTML) 5 Page - Tyco Electronics

  3-1393272-2 Datasheet HTML 1Page - Tyco Electronics 3-1393272-2 Datasheet HTML 2Page - Tyco Electronics 3-1393272-2 Datasheet HTML 3Page - Tyco Electronics 3-1393272-2 Datasheet HTML 4Page - Tyco Electronics 3-1393272-2 Datasheet HTML 5Page - Tyco Electronics 3-1393272-2 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PCB relays
Single relays
Mini power relay K (open and sealed)
Please observe the disclaimer.
104
Catalog 1308028
Issued 01-05
Coil data
Available for nominal voltages
12, 24 V
(other coils on request)
Nominal power consumption of the unsuppressed coil at nominal voltage
1.1 W
Test voltage winding/contact
500 VACrms
Maximum ambient temperature range1)
– 40 to + 85 °C
Operate time at nominal voltage 2)
Typ. 3 ms
Release time at nominal voltage
Typ. 1.5 ms
1)
See also operating voltage range diagram
2)
Measured at nominal voltage without coil suppression unit
N.B.
A low resistive suppression device in parallel to the relay coil increases the release time and reduces
the lifetime caused by increased erosion and/or higher risk of contact tack welding.
Mechanical data
Enclosure
Sealed relay is suitable for immersion cleaning of PCB assembly or conformal coating.
Sealed
Please refer to the Application Recommendations in this catalog.
Operating voltage range
Does not take into account
the temperature rise due to
the contact current
E = pre-energization
Operating conditions
Temperature range, storage
-40 °C to 155 °C
Test
Relevant standard
Testing as per
Dimension
Comments
Climatic cycling with condensation1)
EN ISO 6988
20 cycles
Storage 8/16 h
Temperature cycling1)
IEC 68-2-14
Na
20 cycles
– 40/+ 85 ˚C (dwell time 1 h)
Damp heat1)
constant
IEC 68-2-3
Ca
56 days
Upper air temperature 55 °C
Corrosive gas1)
IEC 68-2-42
10 days
IEC 68-2-43
10 days
Vibration resistance
IEC 68-2-6 (sine pulse form)
10 … 200 Hz
No change in the
acceleration, acc. to position
23 … 35 g
switching state > 10
µs
Shock resistance
IEC 68-2-27 (half-sine pulse form)
4 … 6 ms
No change in the
acceleration
23 … 280 g
switching state > 10
µs
Solderability
IEC 68-2-20
Ta, Method 1
Aging 3 (4 h/155 °C)
Dewetting
Resistance to soldering heat
IEC 68-2-20
Tb, Method 1A
10 s ± 1 s
with thermal screen
Sealing1)
IEC 68-2-17
Qc, Method 2
1 min / 70 °C
Flammability
UL94-HB
1) only sealed version


유사한 부품 번호 - 3-1393272-2

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
3-1393277-7 MACOM-3-1393277-7 Datasheet
349Kb / 6P
   Limiting continuous current 32 A at 85째C
3-1393277-7 MACOM-3-1393277-7 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
More results

유사한 설명 - 3-1393272-2

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
V23201 MACOM-V23201 Datasheet
420Kb / 5P
   Power Relay PK2 (THT ??THR) Single Relays PCB Relays
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
T72M MACOM-T72M Datasheet
132Kb / 5P
   PCB Relays / Single Relays
1393278-7 MACOM-1393278-7 Datasheet
653Kb / 4P
   Power Relay K (Open ??Sealed)
V23134 MACOM-V23134_12 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
V23234 MACOM-V23234 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
V23134 MACOM-V23134 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
HRM-SDC5V ETC2-HRM-SDC5V Datasheet
283Kb / 5P
   PCB Power Relays
logo
Omron Electronics LLC
G9KA OMRON-G9KA Datasheet
225Kb / 5P
   PCB Power Relays
0722/0221
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com