전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMMT449 데이터시트(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

부품명 FMMT449
상세설명  NPN Silicon Planar Medium Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

FMMT449 데이터시트(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  FMMT449 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited FMMT449 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited FMMT449 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited FMMT449 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BL Galaxy Electrical
Production specification
NPN Silicon Planar Medium Power Transistor
FMMT449
Document number: BL/SSSTC051
www.galaxycn.com
Rev.A
3
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


유사한 부품 번호 - FMMT449

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
FMMT449 ZETEX-FMMT449 Datasheet
120Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Fairchild Semiconductor
FMMT449 FAIRCHILD-FMMT449 Datasheet
194Kb / 6P
   NPN Low Saturation Transistor
logo
Guangdong Kexin Industr...
FMMT449 KEXIN-FMMT449 Datasheet
36Kb / 1P
   Medium Power Transistor
logo
Diodes Incorporated
FMMT449 DIODES-FMMT449 Datasheet
115Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
FMMT449 HTSEMI-FMMT449 Datasheet
365Kb / 1P
   TRANSISTOR (NPN)
More results

유사한 설명 - FMMT449

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
FZT755 ZETEX-FZT755 Datasheet
88Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Seme LAB
2N3053 SEME-LAB-2N3053_02 Datasheet
41Kb / 2P
   MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
logo
Zetex Semiconductors
BCW66 ZETEX-BCW66 Datasheet
39Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BCX41 ZETEX-BCX41 Datasheet
47Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR42 ZETEX-BSR42 Datasheet
34Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR43 ZETEX-BSR43 Datasheet
34Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491 ZETEX-FCX491 Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491A ZETEX-FCX491A Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Seme LAB
ZT91 SEME-LAB-ZT91_01 Datasheet
52Kb / 2P
   MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
logo
Diodes Incorporated
ZTX449 DIODES-ZTX449_15 Datasheet
61Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com