전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2585 데이터시트(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 LM2585
상세설명  SIMPLE SWITCHER짰 3A Flyback Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2585 데이터시트(HTML) 3 Page - National Semiconductor (TI)

  LM2585 Datasheet HTML 1Page - National Semiconductor (TI) LM2585 Datasheet HTML 2Page - National Semiconductor (TI) LM2585 Datasheet HTML 3Page - National Semiconductor (TI) LM2585 Datasheet HTML 4Page - National Semiconductor (TI) LM2585 Datasheet HTML 5Page - National Semiconductor (TI) LM2585 Datasheet HTML 6Page - National Semiconductor (TI) LM2585 Datasheet HTML 7Page - National Semiconductor (TI) LM2585 Datasheet HTML 8Page - National Semiconductor (TI) LM2585 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
//htmlimg2.alldatasheet.co.kr/htmldatasheet2/226259/NSC/LM2585/171/3/LM2585.png


유사한 부품 번호 - LM2585

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2585 TI-LM2585 Datasheet
3Mb / 32P
[Old version datasheet]   LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
logo
National Semiconductor ...
LM2585S-12 NSC-LM2585S-12 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2585S-12/NOPB TI-LM2585S-12/NOPB Datasheet
3Mb / 32P
[Old version datasheet]   LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
logo
National Semiconductor ...
LM2585S-3.3 NSC-LM2585S-3.3 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
More results

유사한 설명 - LM2585

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2585 TI-LM2585_15 Datasheet
3Mb / 32P
[Old version datasheet]   LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
LM2587 NSC-LM2587_04 Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
logo
Texas Instruments
LM2587EVAL TI1-LM2587EVAL Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER짰 5A Flyback Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com