전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L7818 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 L7818
상세설명  POSITIVE VOLTAGE REGULATORS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7818 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button L7818 Datasheet HTML 6Page - STMicroelectronics L7818 Datasheet HTML 7Page - STMicroelectronics L7818 Datasheet HTML 8Page - STMicroelectronics L7818 Datasheet HTML 9Page - STMicroelectronics L7818 Datasheet HTML 10Page - STMicroelectronics L7818 Datasheet HTML 11Page - STMicroelectronics L7818 Datasheet HTML 12Page - STMicroelectronics L7818 Datasheet HTML 13Page - STMicroelectronics L7818 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
L7800 SERIES
10/34
Table 13: Electrical Characteristics Of L7852C (refer to the test circuits, TJ = 0 to 125°C, VI = 10V,
IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
Table 14: Electrical Characteristics Of L7806C (refer to the test circuits, TJ = 0 to 125°C, VI = 11V,
IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
5.0
5.2
5.4
V
VO
Output Voltage
IO = 5 mA to 1 A
PO ≤ 15W
VI = 8 to 20 V
4.95
5.2
5.45
V
∆V
O(*)
Line Regulation
VI = 7 to 25 V
TJ = 25°C
3
105
mV
VI = 8 to 12 V
TJ = 25°C
1
52
∆V
O(*)
Load Regulation
IO = 5 mA to 1.5 A
TJ = 25°C
105
mV
IO = 250 to 750 mA
TJ = 25°C
52
Id
Quiescent Current
TJ = 25°C
8
mA
∆I
d
Quiescent Current Change
IO = 5 mA to 1 A
0.5
mA
VI = 7 to 25 V
1.3
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-1
mV/°C
eN
Output Noise Voltage
B =10Hz to 100KHz
TJ = 25°C
42
µV/V
O
SVR
Supply Voltage Rejection
VI = 8 to 18 V
f = 120Hz
61
dB
Vd
Dropout Voltage
IO = 1 A
TJ = 25°C
2
V
RO
Output Resistance
f = 1 KHz
17
m
Isc
Short Circuit Current
VI = 35 V
TJ = 25°C
0.75
A
Iscp
Short Circuit Peak Current
TJ = 25°C
2.2
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
5.75
6
6.25
V
VO
Output Voltage
IO = 5 mA to 1 A
PO ≤ 15W
VI = 8 to 21 V
5.766.3
V
∆V
O(*)
Line Regulation
VI = 8 to 25 V
TJ = 25°C
120
mV
VI = 9 to 13 V
TJ = 25°C
60
∆V
O(*)
Load Regulation
IO = 5 mA to 1.5 A
TJ = 25°C
120
mV
IO = 250 to 750 mA
TJ = 25°C
60
Id
Quiescent Current
TJ = 25°C
8
mA
∆I
d
Quiescent Current Change
IO = 5 mA to 1 A
0.5
mA
VI = 8 to 25 V
1.3
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-0.8
mV/°C
eN
Output Noise Voltage
B =10Hz to 100KHz
TJ = 25°C
45
µV/V
O
SVR
Supply Voltage Rejection
VI = 9 to 19 V
f = 120Hz
59
dB
Vd
Dropout Voltage
IO = 1 A
TJ = 25°C
2
V
RO
Output Resistance
f = 1 KHz
19
m
Isc
Short Circuit Current
VI = 35 V
TJ = 25°C
0.55
A
Iscp
Short Circuit Peak Current
TJ = 25°C
2.2
A


유사한 부품 번호 - L7818

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L7818AB STMICROELECTRONICS-L7818AB Datasheet
108Kb / 17P
   PRECISION 1A REGULATORS
L7818AB STMICROELECTRONICS-L7818AB Datasheet
373Kb / 28P
   Precision 1A regulators
L7818ABD2T-TR STMICROELECTRONICS-L7818ABD2T-TR Datasheet
373Kb / 28P
   Precision 1A regulators
L7818ABP STMICROELECTRONICS-L7818ABP Datasheet
373Kb / 28P
   Precision 1A regulators
L7818ABV STMICROELECTRONICS-L7818ABV Datasheet
108Kb / 17P
   PRECISION 1A REGULATORS
More results

유사한 설명 - L7818

제조업체부품명데이터시트상세설명
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com