전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLPVA-100-F-D 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 DLPVA-100-F-D
상세설명  Low Frequency Voltage Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

DLPVA-100-F-D 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  DLPVA-100-F-D Datasheet HTML 1Page - List of Unclassifed Manufacturers DLPVA-100-F-D Datasheet HTML 2Page - List of Unclassifed Manufacturers DLPVA-100-F-D Datasheet HTML 3Page - List of Unclassifed Manufacturers DLPVA-100-F-D Datasheet HTML 4Page - List of Unclassifed Manufacturers DLPVA-100-F-D Datasheet HTML 5Page - List of Unclassifed Manufacturers DLPVA-100-F-D Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Datasheet
DLPVA-100-F Series
Variable Gain
Low Frequency Voltage Amplifier
SOP H ISTI CATE D T OOL S F O R SIG N AL REC O VE RY
Page 3
Overload LED
The amplifier features a LED to signalize an overload condition. The Overload LED will turn on
if the signal level within the signal path exceeds the linear operating range. In order to ensure
the correct operation of the amplifier without signal distortions reduce the gain setting until
the Overload LED turns off.
The Overload LED may also turn on under the following operating conditions:
- The amplifier is operated with open input or with a high source impedance. For proper
operation please use a source impedance of less than 100 M
Ω or switch to a lower gain
setting.
- When using a DLPVA-F-D with differential input stage the Overload LED may turn on if the
common mode input voltage exceeds ± 5 V or if the source is totally floating with respect to
the amplifier ground. For proper operation make sure that the common mode voltage stays
within ± 5 V with respect to the amplifier ground and make a valid connection between the
source ground and the amplifier ground to ensure that the inputs cannot drift outside the
tolerable common mode range.
Remote Offset Control
Offset Control Voltage Range
± 10 V, corresponds to ± 5 mV input offset
Offset Control Input Impedance
200 k
Remote Digital Control
Control Input Voltage Range
Low: - 0.8 ...+ 0.8 V
High: + 1.8 ... + 12 V, TTL / CMOS compatible
Control Input Current
0 mA @ 0 V, 1.5 mA @ + 5 V, 4.5 mA @ + 12 V
Overload Output
Non active: + 5 V, max. 1 mA, active: 0.8 V, max. -10 mA
Power Supply
Supply Voltage
± 15 V (± 14.5 V to ± 16 V)
Supply Current
± 75 mA typ. (depends on operating conditions,
recommended power supply capability minimum 150 mA)
Case
Weight
0.32 kg (0.7 lbs)
Material
AlMg4.5Mn, nickel-plated
Temperature Range
Storage Temperature
- 40 °C to + 100 °C
Operating Temperature
0 °C to + 60 °C
Absolute Maximum Ratings
Power Supply Voltage
± 21 V
Control Input Voltage
+ 16 V / - 5 V
Signal Input Voltage
± 15 Vp
Transient Input Voltage
± 3 kV (discharge from 5 nF source)
Great Britain: LASER COMPONENTS (UK) Ltd., Phone: +44 1245 491 499, Fax: +44 1245 491 801, info@lasercomponents.co.uk
France: LASER COMPONENTS S.A.S., Phone: +33 1 3959 5225, Fax: +33 1 3959 5350, info@lasercomponents.fr


유사한 부품 번호 - DLPVA-100-F-D

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
DLP-04 MEANWELL-DLP-04 Datasheet
168Kb / 7P
   DALI Bus Power Supply
DLP-04L MEANWELL-DLP-04L Datasheet
168Kb / 7P
   DALI Bus Power Supply
DLP-04R MEANWELL-DLP-04R Datasheet
168Kb / 7P
   DALI Bus Power Supply
logo
List of Unclassifed Man...
DLP-7970ABP ETC2-DLP-7970ABP Datasheet
60Kb / 2P
   Compatible with NFCLink Library, Compatible with MSP430G2x LaunchPad
logo
SYNERGY MICROWAVE CORPO...
DLP-901 SYNERGY-DLP-901 Datasheet
39Kb / 1P
   POWER DIVIDERS 0쨘 : 12-WAY
More results

유사한 설명 - DLPVA-100-F-D

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SB1244 HITACHI-2SB1244 Datasheet
356Kb / 2P
   LOW FREQUENCY HIGH VOLTAGE AMPLIFIER
2SB648 HITACHI-2SB648 Datasheet
349Kb / 2P
   LOW FREQUENCY HIGH VOLTAGE AMPLIFIER
logo
Sanyo Semicon Device
2SC4853A SANYO-2SC4853A Datasheet
60Kb / 5P
   Low-Voltage, Low-Current High-Frequency Amplifier Applications
2SC5537 SANYO-2SC5537 Datasheet
32Kb / 3P
   Low-Voltage, Low-Current High-frequency Amplifier Applications
logo
Toshiba Semiconductor
2SC1815L TOSHIBA-2SC1815L Datasheet
142Kb / 4P
   Audio Frequency Voltage Amplifier Applications Low Noise Amplifier Applications
logo
Fairchild Semiconductor
KSA733 FAIRCHILD-KSA733 Datasheet
41Kb / 4P
   Low Frequency Amplifier
logo
Rohm
2SD2657K ROHM-2SD2657K Datasheet
75Kb / 3P
   Low frequency amplifier
2SB1706 ROHM-2SB1706 Datasheet
69Kb / 3P
   LOW FREQUENCY AMPLIFIER
2SB1708 ROHM-2SB1708_1 Datasheet
74Kb / 3P
   Low frequency amplifier
2SD2700 ROHM-2SD2700 Datasheet
89Kb / 3P
   Low frequency amplifier
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com