전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDSR315 데이터시트(PDF) 5 Page - TEMIC Semiconductors

부품명 TDSR315
상세설명  13 mm Seven Segment Display
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEMIC [TEMIC Semiconductors]
홈페이지  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDSR315 데이터시트(HTML) 5 Page - TEMIC Semiconductors

  TDSR315 Datasheet HTML 1Page - TEMIC Semiconductors TDSR315 Datasheet HTML 2Page - TEMIC Semiconductors TDSR315 Datasheet HTML 3Page - TEMIC Semiconductors TDSR315 Datasheet HTML 4Page - TEMIC Semiconductors TDSR315 Datasheet HTML 5Page - TEMIC Semiconductors TDSR315 Datasheet HTML 6Page - TEMIC Semiconductors TDSR315 Datasheet HTML 7Page - TEMIC Semiconductors TDSR315 Datasheet HTML 8Page - TEMIC Semiconductors TDSR315 Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TELEFUNKEN Semiconductors
TDS.51..
Rev. A1: 01.06.1995
5 (9)
110
0.01
0.1
1
10
IF – Forward Current ( mA )
100
95 10076
Red
Figure 7. Relative Luminous Intensity vs. Forward Current
620
640
660
680
700
0
0.2
0.4
0.6
0.8
1.2
720
95 10077
l – Wavelength ( nm )
1.0
Red
Figure 8. Relative Luminous Intensity vs. Wavelength
0
2
468
0.1
1
10
100
1000
10
95 10086
VF – Forward Voltage ( V )
tp/T=0.001
tp=10ms
Orange-Red
Figure 9. Forward Current vs. Forward Voltage
0
0
0.4
0.8
1.2
1.6
95 10087
20
40
60
80
100
Tamb – Ambient Temperature ( °C )
Orange-Red
IF=10mA
Figure 10. Rel. Luminous Intensity vs. Ambient Temperature
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10088
500
0.5
0.2
0.1
0.05
0.02
1
IF(mA)
tp/T
2.0
Orange-Red
IFAV=10mA, const.
Figure 11. Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
110
0.01
0.1
1
10
IF – Forward Current ( mA )
100
95 10089
Orange-Red
Figure 12. Relative Luminous Intensity vs. Forward Current


유사한 부품 번호 - TDSR315

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TDSR315 VISHAY-TDSR315 Datasheet
119Kb / 9P
   10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSR315./316. VISHAY-TDSR315./316. Datasheet
149Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. A2, 05-Oct-00
More results

유사한 설명 - TDSR315

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TDSR515 VISHAY-TDSR515 Datasheet
120Kb / 10P
   13 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL5150 VISHAY-TDSL5150 Datasheet
76Kb / 7P
   Low Current 13 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL51.0 VISHAY-TDSL51.0 Datasheet
108Kb / 6P
   Low Current 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSR135 VISHAY-TDSR135 Datasheet
97Kb / 5P
   High Intensity 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSL5150 VISHAY-TDSL5150_11 Datasheet
144Kb / 9P
   Low Current 13 mm Seven-Segment Display
Rev. 1.5, 26-Jul-11
TDSR315 VISHAY-TDSR315 Datasheet
119Kb / 9P
   10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSR115 VISHAY-TDSR115 Datasheet
126Kb / 9P
   7 mm Seven Segment Display
Rev. A1, 02-Jun-99
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
   Seven Segment Display
logo
Vishay Siliconix
TDSG5150 VISHAY-TDSG5150_V01 Datasheet
158Kb / 12P
   Standard 7-Segment Display 13 mm
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com