전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST39WF400A-90-4I-C1Q 데이터시트(PDF) 10 Page - Silicon Storage Technology, Inc

부품명 SST39WF400A-90-4I-C1Q
상세설명  4 Mbit (x16) Multi-Purpose Flash
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39WF400A-90-4I-C1Q 데이터시트(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST39WF400A-90-4I-C1Q Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39WF400A-90-4I-C1Q Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39WF400A-90-4I-C1Q Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39WF400A-90-4I-C1Q Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39WF400A-90-4I-C1Q Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39WF400A-90-4I-C1Q Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39WF400A-90-4I-C1Q Datasheet HTML 12Page - Silicon Storage Technology, Inc SST39WF400A-90-4I-C1Q Datasheet HTML 13Page - Silicon Storage Technology, Inc SST39WF400A-90-4I-C1Q Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
Data Sheet
4 Mbit Multi-Purpose Flash
SST39WF400A
©2003 Silicon Storage Technology, Inc.
S71220-04-000
11/03
TABLE
8: DC OPERATING CHARACTERISTICS VDD = 1.65-1.95V1
Symbol
Parameter
Limits
Test Conditions
Min
Max
Units
IDD
Power Supply Current
Address input=VILT/VIHT, at f=5 MHz,
VDD=VDD Max
Read
15
mA
CE#=VIL, OE#=WE#=VIH, all I/Os open
Program and Erase
20
mA
CE#=WE#=VIL, OE#=VIH
ISB
Standby VDD Current
5
µA
CE#=VDD, VDD=VDD Max
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
1
µA
VOUT=GND to VDD, VDD=VDD Max
VIL
Input Low Voltage
0.2VDD
VDD=VDD Min
VIH
Input High Voltage
0.8VDD
VVDD=VDD Max
VOL
Output Low Voltage
0.1
V
IOL=100 µA, VDD=VDD Min
VOH
Output High Voltage
VDD-0.1
V
IOH=-100 µA, VDD=VDD Min
T8.1 1220
1. Typical conditions for the Active Current shown on the front page of the data sheet are average values at 25°C
(room temperature), and VDD = 1.8V. Not 100% tested.
TABLE
9: RECOMMENDED SYSTEM POWER-UP TIMINGS
Symbol
Parameter
Minimum
Units
TPU-READ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Power-up to Read Operation
100
µs
TPU-WRITE1
Power-up to Program/Erase Operation
100
µs
T9.0 1220
TABLE 10: CAPACITANCE (Ta = 25°C, f=1 MHz, other pins open)
Parameter
Description
Test Condition
Maximum
CI/O1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
I/O Pin Capacitance
VI/O = 0V
12 pF
CIN1
Input Capacitance
VIN = 0V
6 pF
T10.0 1220
TABLE 11: RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND1,2
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
2. NEND endurance rating is qualified as a 10,000 cycle minimum for the whole device. A sector- or block-level rating would result in a
higher minimum specification.
Endurance
10,000
Cycles
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
ILTH1
Latch Up
100 + IDD
mA
JEDEC Standard 78
T11.0 1220


유사한 부품 번호 - SST39WF400A-90-4I-C1Q

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39WF400A-90-4I-C1Q SST-SST39WF400A-90-4I-C1Q Datasheet
462Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
SST39WF400A-90-4I-C1QE SST-SST39WF400A-90-4I-C1QE Datasheet
462Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
More results

유사한 설명 - SST39WF400A-90-4I-C1Q

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39WF400A SST-SST39WF400A Datasheet
462Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
SST39VF401C MICROCHIP-SST39VF401C Datasheet
486Kb / 38P
   4 Mbit (x16) Multi-Purpose Flash Plus
04/14
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
logo
Silicon Storage Technol...
SST39LF200A SST-SST39LF200A_10 Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A_07 Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF320 SST-SST39VF320 Datasheet
384Kb / 24P
   32 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A_07 Datasheet
659Kb / 27P
   8 Mbit (x16) Multi-Purpose Flash
SST39LF160 SST-SST39LF160 Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com