전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28191FHZ-T7 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 ISL28191FHZ-T7
상세설명  Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28191FHZ-T7 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button ISL28191FHZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28191FHZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28191FHZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28191FHZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28191FHZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28191FHZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL28191FHZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL28191FHZ-T7 Datasheet HTML 13Page - Intersil Corporation ISL28191FHZ-T7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN6156.5
February 20, 2008
Applications Information
Product Description
The ISL28191 and ISL28291 are voltage feedback operational
amplifiers designed for communication and imaging
applications requiring low distortion, very low voltage and
current noise. Both parts feature high bandwidth while drawing
moderately low supply current. They use a classical
voltage-feedback topology, which allows them to be used in a
variety of applications where current-feedback amplifiers are
not appropriate because of restrictions placed upon the
feedback element used with the amplifier.
Enable/Power-Down
The ISL28191 and ISL28291 amplifiers are disabled by
applying a voltage greater than 2V to the EN pin, with
respect to the V- pin. In this condition, the output(s) will be in
a high impedance state and the amplifier(s) current will be
reduced to 13µA/Amp. By disabling the part, multiple parts
can be connected together as a MUX. The outputs are tied
together in parallel and a channel can be selected by the EN
pin. The EN pin also has an internal pull-down. If left open,
the EN pin will pull to the negative rail and the device will be
enabled by default.
Input Protection
All input terminals have internal ESD protection diodes to both
positive and negative supply rails, limiting the input voltage to
within one diode beyond the supply rails. Both parts have
additional back-to-back diodes across the input terminals (as
shown in Figure 29). In pulse applications where the input
Slew Rate exceeds the Slew Rate of the amplifier, the
possibility exists for the input protection diodes to become
forward biased. This can cause excessive input current and
distortion at the outputs. If overdriving the inputs is necessary,
the external input current must never exceed 5mA. An
external series resistor may be used to limit the current, as
shown in Figure 29.
Using Only One Channel
The ISL28291 is a dual channel op amp. If the application
only requires one channel when using the ISL28291, the
user must configure the unused channel to prevent it from
oscillating. Oscillation can occur if the input and output pins
are floating. This will result in higher than expected supply
currents and possible noise injection into the channel being
used. The proper way to prevent this oscillation is to short
the output to the negative input and ground the positive input
(as shown in Figure 30).
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high frequency device, good printed circuit
board layout is necessary for optimum performance. Low
impedance ground plane construction is essential. Surface
mount components are recommended, but if leaded
components are used, lead lengths should be as short as
possible. The power supply pins must be well bypassed to
11
1 (A)
7 (B)
1 (A)
9 (B)
10 (A)
8 (B)
OUT
OUT_A
OUT_B
Output
Circuit 2
6
6
8
10
9
V+
Positive supply
55
N/A
5 (A)
6 (B)
4 (A)
5 (B)
EN
EN_A
EN_B
Enable BAR pin
internal pull-
down; Logic “1”
selects the
disabled state;
Logic “0” selects
the enabled
state.
Circuit 3
Pin Descriptions (Continued)
ISL28191
(6 Ld SOT-23)
ISL28191
(6 Ld µTDFN)
ISL28291
(8 Ld SOIC)
ISL28291
(10 Ld MSOP)
ISL28291
(10 Ld µTQFN)
PIN
NAME
FUNCTION
EQUIVALENT CIRCUIT
V+
V-
OUT
EN
V+
V-
FIGURE 29. LIMITING THE INPUT CURRENT TO LESS THAN
5mA
-
+
R
FIGURE 30. PREVENTING OSCILLATIONS IN UNUSED
CHANNELS
-
+
ISL28191, ISL28291


유사한 부품 번호 - ISL28191FHZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28191FHZ-T7 INTERSIL-ISL28191FHZ-T7 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
ISL28191FHZ-T7 INTERSIL-ISL28191FHZ-T7 Datasheet
1Mb / 16P
   Low Distortion Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28191FHZ-T7 RENESAS-ISL28191FHZ-T7 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
More results

유사한 설명 - ISL28191FHZ-T7

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
logo
Renesas Technology Corp
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Maxim Integrated Produc...
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com