전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28290FUZ 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL28290FUZ
상세설명  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28290FUZ 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL28290FUZ Datasheet HTML 1Page - Intersil Corporation ISL28290FUZ Datasheet HTML 2Page - Intersil Corporation ISL28290FUZ Datasheet HTML 3Page - Intersil Corporation ISL28290FUZ Datasheet HTML 4Page - Intersil Corporation ISL28290FUZ Datasheet HTML 5Page - Intersil Corporation ISL28290FUZ Datasheet HTML 6Page - Intersil Corporation ISL28290FUZ Datasheet HTML 7Page - Intersil Corporation ISL28290FUZ Datasheet HTML 8Page - Intersil Corporation ISL28290FUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN6247.7
March 17, 2008
Typical Performance Curves
FIGURE 1. GAIN vs FREQUENCY FOR VARIOUS RLOAD
FIGURE 2. GAIN vs FREQUENCY FOR VARIOUS CLOAD
FIGURE 3. -3dB BANDWIDTH vs VOUT
FIGURE 4. FREQUENCY RESPONSE vs CLOSED LOOP GAIN
FIGURE 5. INPUT IMPEDANCE vs FREQUENCY
FIGURE 6. DISABLED OUTPUT IMPEDANCE vs FREQUENCY
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
100k
1M
10M
100M
1G
RL = 100
RL = 100k
RL = 10k
FREQUENCY (Hz)
V+ = 5V
AV = +1
CL = 10pF
VOUT = 10mVP-P
RL = 1k
-10
-8
-6
-4
-2
0
2
4
6
8
10
10k
100k
1M
10M
100M
1G
CL = 1pF
CL = 20pF
CL = 32pF
CL = 110pF
CL = 92pF
CL = 57pF
FREQUENCY (Hz)
V+ = 5V
AV = +1
RL = 10kΩ
VOUT = 10mVP-P
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
10k
100k
1M
10M
100M
1G
V+ = 5V
AV = +1
RL = 10kΩ
CL = 10pF
FREQUENCY (Hz)
VOUT = 10mVP-P
VOUT = 1mVP-P
VOUT = 100mVP-P
VOUT = 1VP-P
-10
0
10
20
30
40
50
60
70
10k
100k
1M
10M
100M
FREQUENCY (Hz)
AV = 1000, RF = 499k, RG = 499
AV = 100,
AV = 10, RF = 4.42k, RG = 499
AV = 1, RF = 0, RG = INF
V+ = 5V
RL = 10k
VOUT = 100mVP-P
RF = 49.9k, RG = 499
10
100
1k
10k
100k
1M
100k
1M
10M
100M
1G
V+ = 5V, 3V
FREQUENCY (Hz)
ENABLED AND
DISABLED
VSOURCE = 1VP-P
10
100
1k
10k
1M
100k
1M
10M
100M
1G
100k
FREQUENCY (Hz)
V+ = 5V, 3V
VSOURCE = 1VP-P
ISL28190, ISL28290


유사한 부품 번호 - ISL28290FUZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28290FUZ INTERSIL-ISL28290FUZ Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
ISL28290FUZ INTERSIL-ISL28290FUZ Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28290FUZ RENESAS-ISL28290FUZ Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290FUZ RENESAS-ISL28290FUZ Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28290FUZ-T7 INTERSIL-ISL28290FUZ-T7 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
More results

유사한 설명 - ISL28290FUZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
ISL28191_0808 INTERSIL-ISL28191_0808 Datasheet
1Mb / 16P
   Low Distortion Rail-to-Rail Output, Op Amp
ISL55190 INTERSIL-ISL55190 Datasheet
961Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com