전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28288 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL28288
상세설명  Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28288 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL28288_07 Datasheet HTML 5Page - Intersil Corporation ISL28288_07 Datasheet HTML 6Page - Intersil Corporation ISL28288_07 Datasheet HTML 7Page - Intersil Corporation ISL28288_07 Datasheet HTML 8Page - Intersil Corporation ISL28288_07 Datasheet HTML 9Page - Intersil Corporation ISL28288_07 Datasheet HTML 10Page - Intersil Corporation ISL28288_07 Datasheet HTML 11Page - Intersil Corporation ISL28288_07 Datasheet HTML 12Page - Intersil Corporation ISL28288_07 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FN6339.1
June 28, 2007
noise injection into the channel being used. The proper way
to prevent this oscillation is to short the output to the
negative input and ground the positive input (as shown in
Figure 34).
Proper Layout Maximizes Performance
To achieve the maximum performance of the high input
impedance and low offset voltage of the ISL28288, care
should be taken in the circuit board layout. The PC board
surface must remain clean and free of moisture to avoid
leakage currents between adjacent traces. Surface coating
of the circuit board will reduce surface moisture and provide
a humidity barrier, reducing parasitic resistance on the
board. When input leakage current is a concern, the use of
guard rings around the amplifier inputs will further reduce
leakage currents. Figure 35 shows a guard ring example for
a unity gain amplifier that uses the low impedance amplifier
output at the same voltage as the high impedance input to
eliminate surface leakage. The guard ring does not need to
be a specific width, but it should form a continuous loop
around both inputs. For further reduction of leakage
currents, components can be mounted to the PC board
using Teflon standoff insulators.
Example Application
Thermocouples are the most popular temperature-sensing
device because of their low cost, interchangeability, and
ability to measure a wide range of temperatures. The
ISL28288 (Figure 36) is used to convert the differential
thermocouple voltage into single-ended signal with 10X gain.
The ISL28288's rail-to-rail input characteristic allows the
thermocouple to be biased at ground and the amplifier to run
from a single 5V supply.
.
Current Limiting
The ISL28288 has no internal current-limiting circuitry. If the
output is shorted, it is possible to exceed the Absolute
Maximum Rating for output current or power dissipation,
potentially resulting in the destruction of the device.
Power Dissipation
It is possible to exceed the +150°C maximum junction
temperatures under certain load and power-supply
conditions. It is therefore important to calculate the
maximum junction temperature (TJMAX) for all applications
to determine if power supply voltages, load conditions, or
package type need to be modified to remain in the safe
operating area. These parameters are related in Equation 1:
where:
•PDMAXTOTAL is the sum of the maximum power
dissipation of each amplifier in the package (PDMAX)
•PDMAX for each amplifier is calculated in Equation 2:
where:
•TMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
•PDMAX = Maximum power dissipation of 1 amplifier
•VS = Supply voltage (Magnitude of V+ and V-)
•IMAX = Maximum supply current of 1 amplifier
•VOUTMAX = Maximum output voltage swing of the
application
•RL = Load resistance
FIGURE 34. PREVENTING OSCILLATIONS IN UNUSED
CHANNELS
-
+
ISL28288
IN
V+
FIGURE 35. GUARD RING EXAMPLE FOR UNITY GAIN
AMPLIFIER
HIGH IMPEDANCE INPUT
-
+
5V
+
V+
V-
ISL28X88
K TYPE
THERMOCOUPLE
10k
Ω
R3
10k
Ω
R2
R4
100k
Ω
R1
100k
Ω
410µV/°C
FIGURE 36. THERMOCOUPLE AMPLIFIER
T
JMAX
T
MAX
θ
JAxPDMAXTOTAL
()
+
=
(EQ. 1)
PD
MAX
2*V
S
I
SMAX
V
S
(
- V
OUTMAX )
V
OUTMAX
R
L
----------------------------
×
+
×
=
(EQ. 2)
ISL28288, ISL28488


유사한 부품 번호 - ISL28288_07

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28288(EN) INTERSIL-ISL28288(EN) Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28288EVAL1Z RENESAS-ISL28288EVAL1Z Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
ISL28288FBZ RENESAS-ISL28288FBZ Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28288FUZ INTERSIL-ISL28288FUZ Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
logo
Renesas Technology Corp
ISL28288FUZ RENESAS-ISL28288FUZ Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
More results

유사한 설명 - ISL28288_07

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
logo
Renesas Technology Corp
ISL28286 RENESAS-ISL28286 Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
logo
Intersil Corporation
ISL28176 INTERSIL-ISL28176 Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28176 RENESAS-ISL28176 Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28278 INTERSIL-ISL28278 Datasheet
509Kb / 13P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com