전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6932D1.2TR 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 L6932D1.2TR
상세설명  HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932D1.2TR 데이터시트(HTML) 5 Page - STMicroelectronics

  L6932D1.2TR Datasheet HTML 1Page - STMicroelectronics L6932D1.2TR Datasheet HTML 2Page - STMicroelectronics L6932D1.2TR Datasheet HTML 3Page - STMicroelectronics L6932D1.2TR Datasheet HTML 4Page - STMicroelectronics L6932D1.2TR Datasheet HTML 5Page - STMicroelectronics L6932D1.2TR Datasheet HTML 6Page - STMicroelectronics L6932D1.2TR Datasheet HTML 7Page - STMicroelectronics L6932D1.2TR Datasheet HTML 8Page - STMicroelectronics L6932D1.2TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
L6932
Figure 5. Shutdown Current vs. Junction TemperatureAPPLICATION INFORMATIONS
APPLICATION CIRCUIT
In figure 6 the schematic circuit of the demoboards are shown.
Figure 6. Demoboards Schematic Circuit
COMPONENT LIST
Fixed version
Reference
Part Number
Description
Manufacturer
C1
C34Y5U1E106Z
10uF, 25V
TOKIN
C2
C34Y5U1E106Z
10uF, 25V
TOKIN
4
4.5
5
5.5
6
6.5
7
7.5
-40
-20
0
20
40
60
80
100
120
140
Temp [°C ]
Ishdn
(uA)
Vin=5V
L6932D1.5
L6932D1.8
L6932D2.5
PGOOD
EN
GND
IN
V
IN
V
OUT
C1
C2
1
2
3
4
5
678
L6932D1.2
ADJ
EN
GND
IN
V
IN
V
OUT
1.2V to 5V
C1
C2
1
2
4
3
5
678
R2
R1
R2)
(R1
R2
1.2
VOUT
+
×
=
OUT
OUT


유사한 부품 번호 - L6932D1.2TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6932D1.2TR STMICROELECTRONICS-L6932D1.2TR Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
More results

유사한 설명 - L6932D1.2TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
   High performance 2A ULDO linear regulator
L6933H12 STMICROELECTRONICS-L6933H12 Datasheet
206Kb / 12P
   High performance 2A ULDO linear regulator with Soft Start
L6935 STMICROELECTRONICS-L6935 Datasheet
483Kb / 20P
   High performance 3 A ULDO linear regulator
logo
Maxim Integrated Produc...
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
385Kb / 10P
   800mA High PSRR, ULDO Linear Regulator
logo
Micrel Semiconductor
MIC47053 MICREL-MIC47053 Datasheet
596Kb / 14P
   500mA Micropower ULDO??Linear Regulator
logo
STMicroelectronics
L4957A STMICROELECTRONICS-L4957A Datasheet
63Kb / 7P
   UP TO 5A ULDO LINEAR REGULATOR
May 2000
L4957A STMICROELECTRONICS-L4957A_06 Datasheet
120Kb / 12P
   Up to 5A ULDO linear regulator
logo
SHANGHAI BELLING CO., L...
BL8066 BELLING-BL8066 Datasheet
211Kb / 6P
   2A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com