전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL51002CQZ-165 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL51002CQZ-165
상세설명  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL51002CQZ-165 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL51002CQZ-165 Datasheet HTML 7Page - Intersil Corporation ISL51002CQZ-165 Datasheet HTML 8Page - Intersil Corporation ISL51002CQZ-165 Datasheet HTML 9Page - Intersil Corporation ISL51002CQZ-165 Datasheet HTML 10Page - Intersil Corporation ISL51002CQZ-165 Datasheet HTML 11Page - Intersil Corporation ISL51002CQZ-165 Datasheet HTML 12Page - Intersil Corporation ISL51002CQZ-165 Datasheet HTML 13Page - Intersil Corporation ISL51002CQZ-165 Datasheet HTML 14Page - Intersil Corporation ISL51002CQZ-165 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
FN6164.2
September 19, 2007
Register Listing
ADDRESS
REGISTER
(DEFAULT VALUE)
BITS
FUNCTION NAME
DESCRIPTION
STATUS AND INTERRUPT REGISTERS
0x01
Selected Input Channel
Characteristics, (read only)
1:0
SYNC Type
00: Automatic Sync Selection logic could not find good sync on
H, V, or SOG (Automatic Sync mode only)
01: SYNC on HSYNC/VSYNC
10: CSYNC on HSYNC
11: CSYNC on Green Channel (SOG)
2
HSYNC Polarity
0: HSYNC Active High
1: HSYNC Active Low
3
VSYNC Polarity
0: VSYNC Active High
1: VSYNC Active Low
4
Tri-level Sync
0: Bi-level SOG (if SOG is active)
1: Tri-level SOG
5
Interlaced
(Only for CSYNC)
0: Non-interlaced or progressive signal
1: Interlaced signal
6
Macrovision
0: No Macrovision detected
1: Macrovision encoding detected
7
PLL Locked
0: PLL unlocked
1: PLL locked to incoming HSYNC
0x02
CH0 and CH1 Activity
Status, (read only)
0
HSYNC0 Activity
0: HSYNC0 Inactive
1: HSYNC0 Active – There is a periodic signal with frequency
>1kHz and consistent low/high times on this input
1
VSYNC0 Activity
0: VSYNC0 Inactive
1: VSYNC0 Active – There is a periodic signal with frequency
>20Hz and consistent low/high times on this input
3:2
SOG0 Activity
00: SOG0 Inactive – No transitions detected at the SOG Slicer
output.
01: SOG0 Active – Non-periodic transitions detected at the
SOG Slicer output – possibly valid SOG with a bad slicer
threshold, or simply video with no valid SOG.
10: SOG0 Periodic – There is a periodic signal with frequency
>1kHz and consistent low/high times on this input. This is
most likely a valid SOG signal.
4
HSYNC1 Activity
See HSYNC0 Activity description
5
VSYNC1 Activity
See VSYNC0 Activity description
7:6
SOG1 Activity
See SOG0 Activity description
0x03
CH2 and CH3 Activity
Status, (read only)
0
HSYNC2 Activity
See HSYNC0 Activity description
1
VSYNC2 Activity
See VSYNC0 Activity description
3:2
SOG2 Activity
See SOG0 Activity description
4
HSYNC3 Activity
See HSYNC0 Activity description
5
VSYNC3 Activity
See VSYNC0 Activity description
7:6
SOG3 Activity
See SOG0 Activity description
ISL51002


유사한 부품 번호 - ISL51002CQZ-165

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL51002CQZ-165 INTERSIL-ISL51002CQZ-165 Datasheet
357Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
ISL51002CQZ-165 INTERSIL-ISL51002CQZ-165 Datasheet
638Kb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
February 29, 2012
logo
Renesas Technology Corp
ISL51002CQZ-165 RENESAS-ISL51002CQZ-165 Datasheet
1Mb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
More results

유사한 설명 - ISL51002CQZ-165

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL51002CQZ-110 INTERSIL-ISL51002CQZ-110 Datasheet
638Kb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
February 29, 2012
ISL51002 INTERSIL-ISL51002 Datasheet
357Kb / 32P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Renesas Technology Corp
ISL51002 RENESAS-ISL51002 Datasheet
1Mb / 33P
   10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
ISL98003 RENESAS-ISL98003 Datasheet
1Mb / 31P
   8-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Intersil Corporation
ISL98003 INTERSIL-ISL98003 Datasheet
352Kb / 31P
   8-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
[Old version datasheet]   Ultrasound Receive Analog Front End (AFE)
logo
Fujitsu Component Limit...
MB86626 FUJITSU-MB86626 Datasheet
227Kb / 6P
   KeyWave AFE ADSL Analog Front End
logo
Renesas Technology Corp
M61047FP RENESAS-M61047FP Datasheet
305Kb / 24P
   Battery Protection Analog Front End (AFE) IC
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
   Facsimile/Data Modem Analog Front End (AFE)
logo
Renesas Technology Corp
M61048FP RENESAS-M61048FP Datasheet
304Kb / 24P
   Battery Protection Analog Front End (AFE) IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com