전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54047IRUZ-T 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL54047IRUZ-T
상세설명  Ultra Low ON-Resistance, High Off- Isolation, Single Supply, Diff SPST Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54047IRUZ-T 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL54047IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54047IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54047IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54047IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54047IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54047IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54047IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54047IRUZ-T Datasheet HTML 11Page - Intersil Corporation ISL54047IRUZ-T Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
FN6503.0
May 31, 2007
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
114
PROCESS:
Submicron CMOS
FIGURE 21. FREQUENCY RESPONSE
FIGURE 22. CROSSTALK AND OFF ISOLATION
Typical Performance Curves T
A = 25°C, Unless Otherwise Specified (Continued)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
FREQUENCY (MHz)
GAIN
0.01
1
100
VIN = 0.2VP-P to 2VP-P
RL = 50Ω
V+ = 4.3V
10
0.1
FREQUENCY (Hz)
1k
100k
1M
100M 500M
10k
10M
-140
-120
-100
-80
-60
-40
-20
0
ISOLATION
CROSSTALK
V+ = 4.3V
140
120
100
80
60
40
20
0
RL = 50Ω
ISL54047


유사한 부품 번호 - ISL54047IRUZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54047IRUZ-T RENESAS-ISL54047IRUZ-T Datasheet
699Kb / 12P
   Ultra Low ON-Resistance, High Off-Isolation, Single Supply, Diff SPST Analog Switch
More results

유사한 설명 - ISL54047IRUZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54047 RENESAS-ISL54047 Datasheet
699Kb / 12P
   Ultra Low ON-Resistance, High Off-Isolation, Single Supply, Diff SPST Analog Switch
logo
Intersil Corporation
ISL43L120 INTERSIL-ISL43L120 Datasheet
321Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Intersil Corporation
ISL43L120 INTERSIL-ISL43L120_06 Datasheet
269Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 INTERSIL-ISL43L710 Datasheet
272Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com